Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP20C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EGP20C
Description  Glass Passivated Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EGP20C Datasheet(HTML) 2 Page - Vishay Siliconix

  EGP20C Datasheet HTML 1Page - Vishay Siliconix EGP20C Datasheet HTML 2Page - Vishay Siliconix EGP20C Datasheet HTML 3Page - Vishay Siliconix EGP20C Datasheet HTML 4Page - Vishay Siliconix EGP20C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EGP20A, EGP20B, EGP20C, EGP20D, EGP20F, EGP20G
www.vishay.com
Vishay General Semiconductor
Revision: 15-Aug-13
2
Document Number: 88583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient, and from junction to lead at 0.375" (9.5 mm) lead length, PCB mounted
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
EGP20A
EGP20B
EGP20C
EGP20D
EGP20F
EGP20G
UNIT
Maximum instantaneous
forward voltage
2.0 A
VF
0.95
1.25
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
100
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
50
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
70
45
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EGP20A
EGP20B
EGP20C
EGP20D
EGP20F
EGP20G
UNIT
Typical thermal resistance
RJA (1)
40
°C/W
RJL (1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EGP20D-E3/54
0.452
54
4000
13" Diameter paper tape and reel
EGP20D-E3/73
0.452
73
2000
Ammo pack packaging
EGP20DHE3/54 (1)
0.452
54
4000
13" Diameter paper tape and reel
EGP20DHE3/73 (1)
0.452
73
2000
Ammo pack packaging
0
2.0
3.0
75
50
25
0
100
125
150
175
Ambient Temperature (°C)
1.0
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
0
15
30
45
60
75
90
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


Similar Part No. - EGP20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGP20C FAIRCHILD-EGP20C Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Galaxy Semi-Conductor H...
EGP20C BILIN-EGP20C Datasheet
397Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
General Semiconductor
EGP20C GE-EGP20C Datasheet
61Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGP20C LUGUANG-EGP20C Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Fairchild Semiconductor
EGP20C FAIRCHILD-EGP20C Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
More results

Similar Description - EGP20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP30A VISHAY-EGP30A_V01 Datasheet
78Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
13-Jun-16
FGP30B VISHAY-FGP30B_V01 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP31A VISHAY-EGP31A Datasheet
92Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 22-Dec-16
EGP31A VISHAY-EGP31A_V01 Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
EGP10G-E3 VISHAY-EGP10G-E3 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
EGP30D-E3 VISHAY-EGP30D-E3 Datasheet
75Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
BYV26DGP VISHAY-BYV26DGP_V01 Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
FGP50B VISHAY-FGP50B_V01 Datasheet
74Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
02-Oct-12
EGP10G-E373 VISHAY-EGP10G-E373 Datasheet
72Kb / 4P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com