Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRF1N5FB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJRF1N5FB
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF1N5FB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJRF1N5FB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF1N5FB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
1
10
100
1000
10
100
1000
10000
10
20
30
40
50
60
70
80
10
100
1000
10000
1N0
2N2
22N
10N
47N
R10
2N2
4N7
10N
22N
47N
R10
Frequency (MHz)
Frequency (MHz)
Typical Characteristics
● Q-Frequency Characteristics (Typ.)
L-Frequency Characteristics (Typ.)
Part No
Inductance (nH)(Typ.)
Q(Typ.)
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
ELJRF1N0
□FB
0.95
0.95
0.96
0.96
0.97
31.8
33.8
47.2
49.6
54.0
ELJRF1N2
□FB
1.23
1.24
1.24
1.25
1.25
31.0
33.0
43.4
45.6
49.7
ELJRF1N5
□FB
1.51
1.51
1.53
1.53
1.54
32.9
34.9
48.6
50.9
55.4
ELJRF1N8
□FB
1.85
1.85
1.87
1.88
1.90
31.1
33.1
45.9
48.1
52.1
ELJRF2N2
□FB
2.11
2.12
2.15
2.16
2.19
28.3
30.1
41.6
43.6
47.2
ELJRF2N7
□FB
2.63
2.63
2.68
2.70
2.73
28.0
28.7
39.6
41.4
44.7
ELJRF3N3
□FB
3.27
3.28
3.35
3.37
3.42
29.9
31.7
43.7
45.7
49.2
ELJRF3N9
□FB
3.73
3.74
3.82
3.85
3.91
29.7
31.5
43.4
45.4
48.8
ELJRF4N7
□FB
4.77
4.78
4.92
4.96
5.07
33.9
35.9
49.0
51.1
54.6
ELJRF5N6
□FB
5.70
5.70
5.80
5.90
6.20
30.0
31.0
40.0
41.0
42.8
ELJRF6N8
□FB
6.91
6.93
7.21
7.29
7.51
28.9
30.7
41.3
42.7
45.0
ELJRF8N2
□FB
8.31
8.33
8.73
8.86
9.19
31.0
32.9
43.9
45.3
47.4
ELJRF10N
□FB
10.21
10.25
10.77
10.94
11.37
29.8
31.6
42.1
43.5
45.6
ELJRF12N
□FB
12.3
12.3
13.1
13.3
14.0
30.8
32.6
42.9
44.1
45.4
ELJRF15N
□FB
15.3
15.4
16.5
16.9
17.9
28.8
30.4
39.5
40.4
41.2
ELJRF18N
□FB
18.4
18.6
20.2
20.8
22.3
31.1
32.8
41.6
42.1
41.7
ELJRF22N
□FB
23.7
23.9
27.5
28.8
32.5
31.3
32.9
39.6
39.4
37.2
ELJRF27N
□FB
28.3
28.5
32.8
34.4
38.8
28.4
29.9
36.0
35.8
33.7
ELJRF33N
□FB
34.6
35.1
43.4
46.8
57.5
28.4
29.7
33.7
32.9
29.2
ELJRF39N
□FB
40.8
41.4
49.9
53.2
63.3
25.6
26.9
31.1
30.5
27.5
ELJRF47N
□FB
49.6
50.3
62.1
66.8
81.8
22.7
23.8
26.9
26.2
23.2
ELJRF56N
□FB
58.4
59.1
69.9
74.1
86.2
23.8
25.0
28.9
28.3
25.6
ELJRF68N
□FB
71.9
72.9
90.4
97.5
119.9
22.3
23.3
25.4
24.3
20.4
ELJRF82N
□FB
86.6
87.8
107.8
115.7
140.6
21.9
22.9
25.5
24.6
21.3
ELJRFR10
□FB
105.5
106.8
128.2
136.5
161.3
21.0
21.9
25.0
24.4
21.9
□ : Symbol of Tolerance
Reference Date
ELJRF Type
Nov. 2013
02
4


Similar Part No. - ELJRF1N5FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF1N5FB PANASONIC-ELJRF1N5FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF1N5FB PANASONIC-ELJRF1N5FB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF1N5FB PANASONIC-ELJRF1N5FB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF1N5FB PANASONIC-ELJRF1N5FB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF1N5FB PANASONIC-ELJRF1N5FB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
More results

Similar Description - ELJRF1N5FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com