Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA16A4 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATXMEGA16A4
Description  Non-volatile Program and Data Memories
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA16A4 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATXMEGA16A4_14 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA16A4_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
5
8069R–AVR–06/2013
XMEGA A4
Not recommended for new designs -
Use XMEGA A4U series
3.
Overview
The Atmel
® AVR® XMEGAA4 is a family of low power, high performance and peripheral rich
CMOS 8/16-bit microcontrollers based on the AVR enhanced RISC architecture. By executing
powerful instructions in a single clock cycle, the XMEGA A4 achieves throughputs approaching
1 Million Instructions Per Second (MIPS) per MHz allowing the system designer to optimize
power consumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction, executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs many times faster than conven-
tional single-accumulator or CISC based microcontrollers.
The XMEGA A4 devices provide the following features: In-System Programmable Flash with
Read-While-Write capabilities, Internal EEPROM and SRAM, four-channel DMA Controller,
eight-channel Event System, Programmable Multi-level Interrupt Controller, 34 general purpose
I/O lines, 16-bit Real Time Counter (RTC), five flexible 16-bit Timer/Counters with compare
modes and PWM, five USARTs, two Two Wire Serial Interfaces (TWIs), two Serial Peripheral
Interfaces (SPIs), AES and DES crypto engine, one Twelve-channel, 12-bit ADC with optional
differential input with programmable gain, one Two-channel 12-bit DAC, two analog comparators
with window mode, programmable Watchdog Timer with separate Internal Oscillator, accurate
internal oscillators with PLL and prescaler and programmable Brown-Out Detection.
The Program and Debug Interface (PDI), a fast 2-pin interface for programming and debugging,
is available.
The XMEGA A4 devices have five software selectable power saving modes. The Idle mode
stops the CPU while allowing the SRAM, DMA Controller, Event System, Interrupt Controller and
all peripherals to continue functioning. The Power-down mode saves the SRAM and register
contents but stops the oscillators, disabling all other functions until the next TWI or pin-change
interrupt, or Reset. In Power-save mode, the asynchronous Real Time Counter continues to run,
allowing the application to maintain a timer base while the rest of the device is sleeping. In
Standby mode, the Crystal/Resonator Oscillator is kept running while the rest of the device is
sleeping. This allows very fast start-up from external crystal combined with low power consump-
tion. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue
to run. To further reduce power consumption, the peripheral clock to each individual peripheral
can optionally be stopped in Active mode and in Idle sleep mode.
The device is manufactured using Atmel's high-density nonvolatile memory technology. The pro-
gram Flash memory can be reprogrammed in-system through the PDI. A Bootloader running in
the device can use any interface to download the application program to the Flash memory. The
Bootloader software in the Boot Flash section will continue to run while the Application Flash
section is updated, providing true Read-While-Write operation. By combining an 8/16-bit RISC
CPU with In-System Self-Programmable Flash, the Atmel XMEGA A4 is a powerful microcon-
troller family that provides a highly flexible and cost effective solution for many embedded
applications.
The XMEGA A4 devices are supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debugger/simulators, programmers,
and evaluation kits.


Similar Part No. - ATXMEGA16A4_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA16A4-AU ATMEL-ATXMEGA16A4-AU Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA16A4-AU ATMEL-ATXMEGA16A4-AU Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega16A4-AU ATMEL-ATxmega16A4-AU Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATxmega16A4-AU ATMEL-ATxmega16A4-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATxmega16A4-CU ATMEL-ATxmega16A4-CU Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATXMEGA16A4_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
   Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
   Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA169V ATMEL-ATMEGA169V_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA8U2 ATMEL-ATMEGA8U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA169 ATMEL-ATMEGA169_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA323 ATMEL-ATMEGA323_14 Datasheet
3Mb / 247P
   Non-volatile Program and Data Memories
ATTINY44 ATMEL-ATTINY44_14 Datasheet
4Mb / 238P
   Non-Volatile Program and Data Memories
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com