Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA32A4 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA32A4
Description  Non-volatile Program and Data Memories
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA32A4 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA32A4_14 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA32A4_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
2
8069R–AVR–06/2013
XMEGA A4
Not recommended for new designs -
Use XMEGA A4U series
1.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For packaging information see ”Packaging information” on page 58.
Ordering Code
Flash
E2
SRAM
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega128A4-AU
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
44A
-40
C - 85C
ATxmega64A4-AU
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega32A4-AU
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
ATxmega16A4-AU
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
ATxmega128A4-MH
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
44M1
ATxmega64A4-MH
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega32A4-MH
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
ATxmega16A4-MH
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
ATxmega32A4-CU
32 KB + 4K
1 KB
4 KB
32
1.6 - 3.6V
49C2
ATxmega16A4-CU
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
Package Type
44A
44-Lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
44M1
44-Pad, 7x7x1 mm Body, Lead Pitch 0.50 mm, 5.20 mm Exposed Pad, Thermally Enhanced Plastic Very Thin Quad No Lead Package
(VQFN)
49C2
49-Ball (7 x 7 Array), 0.65 mm Pitch, 5.0 x 5.0 x 1.0 mm, Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)


Similar Part No. - ATXMEGA32A4_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA32A4-AU ATMEL-ATXMEGA32A4-AU Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA32A4-AU ATMEL-ATXMEGA32A4-AU Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega32A4-AU ATMEL-ATxmega32A4-AU Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATxmega32A4-AU ATMEL-ATxmega32A4-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATxmega32A4-CU ATMEL-ATxmega32A4-CU Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATXMEGA32A4_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
   Non-volatile Program and Data Memories
ATXMEGA16A4 ATMEL-ATXMEGA16A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
   Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA169V ATMEL-ATMEGA169V_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA8U2 ATMEL-ATMEGA8U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA169 ATMEL-ATMEGA169_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA323 ATMEL-ATMEGA323_14 Datasheet
3Mb / 247P
   Non-volatile Program and Data Memories
ATTINY44 ATMEL-ATTINY44_14 Datasheet
4Mb / 238P
   Non-Volatile Program and Data Memories
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com