Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1700 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # HLMP-1700
Description  LOW CURRNET T-100 T-1 3/4 SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HLMP-1700 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  HLMP-1700 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HLMP-1700 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HLMP-1700 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HLMP-1700 Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LOW CURRENT T-100 & T-1 3/4
SOLID STATE LAMPS
ABSOLUTE MAXIMUM RATING (TA =25°C)
Parameter
HER
YELLOW
GREEN
UNITS
Power Dissipation (derated from 92°C at 1mA/°C)
27
24
27
mW
Peak Forward Current (PW ≤ 1 ms, DF ≤ 30 %)
25
20
25
mA
Continuous Forward Current
7.5
7.5
7.5
mA
Lead Soldering Time at 260° C
5
5
5
sec
Reverse Breakdown Voltage (V)
5
5
5
IR = 100µA
Operating Temperature
-55 to +100
-55 to +100
-55 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-55 to +100
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
HER YELLOW Parameter
HLMP-1700/4700HLMP-1719/4719Luminous Intensity
(mcd) Minimum 1.0/1.2 1.0/1.2 Typical 2.0/2.0 2.0/2.0 Forward Voltage (V)
Maximum 2.2 2.7 Typical 1.8 1.9 Peak Wavelength (nm) 635 585 Spectral Line
Half Width 45 35 Viewing Angle (°) 50/35 50/35
GREEN
HLMP-1790/4740(MV2454)1.0/1.2
2.0/3.0 2.7 1.9 565 30 50/35
Condition
IF =
2mA IF = 2mA IF
= 2mA IF = 2mA
IF = 2mA


Similar Part No. - HLMP-1700

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1700 HP-HLMP-1700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-1700 FAIRCHILD-HLMP-1700 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1700 AVAGO-HLMP-1700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
More results

Similar Description - HLMP-1700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-4740 FAIRCHILD-HLMP-4740 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Everlight Electronics C...
HLMP1700 EVERLIGHT-HLMP1700 Datasheet
258Kb / 4P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
   T-1 3/4(5mm) SOLID STATE LAMPS
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com