Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMT5160A-155-SC Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # XMT5160A-155-SC
Description  622 Mb/s Logic Interface Laser Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5160A-155-SC Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button XMT5160A-155-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 8Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 9Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 10Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 11Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 12Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 13Page - Agilent(Hewlett-Packard) XMT5160A-155-SC Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
451
Performance Specifications
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Supply Voltage
-
-
7
V
-
Operating Case Temperature
XMT5360A-155 and XMT5160A-155
–40
-
+85
°C-
XMT5360B-155 and XMT5160B-155
0
-
+70
°C-
Storage Temperature
–40
-
+85
°C-
Fiber Tensile Strength
10
-
-
N/10s
1
Fiber Bend Radius
32
-
-
mm
-
Lead Soldering (Temperature/Time)
-
-
+260/10
°C/Sec
-
Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Average Output Power
XMT5360
–15
–10
–8
dBm
2
XMT5160
–5
–2.5
0
dBm
2
Center Wavelength
XMT5360
1261
-
1360
nm
3
XMT5160
1280
-
1335
nm
3
Spectral Width (RMS)
-
-
4
nm
3
Rise Time (10% - 90%)
-
-
2
ns
-
Fall Time (10% - 90%)
-
-
2
ns
-
Extinction Ratio
10
-
-
dB
-
Bias Monitor
-
0.1
-
mA/mV
4
Rear Facet Monitor Output
5
-
50
mV
5
Supply Voltage
4.75
5.0
5.5
V
6
Supply Current
-
70
130
mA
7
Tx Disable
VCC –3.2
-
VCC
V-
Output Waveform
SONET/SDH Eyemask Compliant G.957
Notes:
1. In a coaxial direction with fiber feedthrough.
2. Other output power options are available. Contact Hewlett-Packard for details.
3. Over operating temperature range. A narrower operating temperature range will result in a smaller center wavelength spread.
Contact Hewlett-Packard for details.
4. Common mode signal VEE + 3.5 V nominal.
5. Common mode signal VEE + 1.2 V nominal.
6. With VEE connected to -5 V, VCC must be at 0 V. With VCC at +5 V, VEE must be at 0 V.
7. End of life at Tmax.


Similar Part No. - XMT5160A-155-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5170A-155-FP HP-XMT5170A-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170A-155-SC HP-XMT5170A-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170A-155-ST HP-XMT5170A-155-ST Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
More results

Similar Description - XMT5160A-155-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370155 HP-XMT5370155 Datasheet
169Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com