Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1E333KJ Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EETHC1E333KJ
Description  Aluminum Electrolytic Capacitors/ HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1E333KJ Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EETHC1E333KJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 9Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 10Page - Panasonic Semiconductor EETHC1E333KJ Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-141 –
Standard Products
✽When capacitors of 035×45L and 035×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
max.
(V. DC)
(μF)
(mm)
(mm)
(A r.m.s.)
(pcs)
200
390
22
25
EETHC2D391HJ
1.31
0.15
200
470
22
30
EETHC2D471HJ
1.45
0.15
200
25
25
EETHC2D471JC
1.45
0.15
200
680
22
40
EETHC2D681HJ
1.75
0.15
200
25
30
EETHC2D681JJ
1.75
0.15
200
820
22
45
EETHC2D821HJ
2.04
0.15
200
25
35
EETHC2D821JJ
2.04
0.15
200
1000
22
50
EETHC2D102HJ
2.30
0.15
200
25
40
EETHC2D102JC
2.30
0.15
200
25
45
EETHC2D102JJ
2.30
0.15
200
30
30
EETHC2D102KJ
2.30
0.15
100
35
25
EETHC2D102LJ
2.30
0.15
100
1200
25
45
EETHC2D122JC
2.65
0.15
200
25
50
EETHC2D122JJ
2.65
0.15
200
30
35
EETHC2D122KJ
2.65
0.15
100
35
30
EETHC2D122LJ
2.65
0.15
100
1500
30
40
EETHC2D152KJ
2.80
0.15
100
1800
35
40
EETHC2D182LJ
3.08
0.15
100
2200
35
45
EETHC2D222LJ
3.48
0.15
100
220
270
22
25
EETHC2Q271HJ
1.10
0.15
200
330
22
25
EETHC2Q331HJ
1.26
0.15
200
390
22
30
EETHC2Q391HJ
1.34
0.15
200
470
22
35
EETHC2Q471HJ
1.48
0.15
200
25
30
EETHC2Q471JJ
1.48
0.15
200
560
22
35
EETHC2Q561HC
1.67
0.15
200
22
40
EETHC2Q561HJ
1.67
0.15
200
25
30
EETHC2Q561JJ
1.67
0.15
200
680
22
45
EETHC2Q681HC
1.78
0.15
200
25
35
EETHC2Q681JJ
1.78
0.15
200
35
25
EETHC2Q681LJ
1.78
0.15
100
820
22
50
EETHC2Q821HC
2.04
0.15
200
25
40
EETHC2Q821JJ
2.04
0.15
200
30
30
EETHC2Q821KJ
2.04
0.15
100
35
25
EETHC2Q821LJ
2.04
0.15
100
1000
25
45
EETHC2Q102JC
2.33
0.15
200
25
50
EETHC2Q102JJ
2.33
0.15
200
30
35
EETHC2Q102KJ
2.33
0.15
100
35
30
EETHC2Q102LJ
2.33
0.15
100
1200
30
40
EETHC2Q122KJ
2.65
0.15
100
35
35
EETHC2Q122LJ
2.65
0.15
100
1500
30
45
EETHC2Q152KC
2.80
0.15
100
30
50
EETHC2Q152KJ
2.80
0.15
100
35
40
EETHC2Q152LJ
2.80
0.15
100
1800
35
45
EETHC2Q182LJ
3.11
0.15
100
2200
35
50
EETHC2Q222LC
3.50
0.15
100
Endurance : 105 °C 2000 h
01 Sep. 2013
Discontinued


Similar Part No. - EETHC1E333KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1E333KJ PANASONIC-EETHC1E333KJ Datasheet
555Kb / 13P
   Snap-in Type
EETHC1E333KJ PANASONIC-EETHC1E333KJ Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1E333KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com