Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK105CG751JV-F Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK105CG751JV-F
Description  Standard Multilayer Ceramic Capacitors (Temperature compensating type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK105CG751JV-F Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMK105CG751JV-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK105CG751JV-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Standard Multilayer Ceramic Capacitors (Temperature compensating type)
UMK105CG751JV-F
Features
Item Summary
50V, C0G, 750pF, ±5%, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Rated Voltage (max)
50V
Capacitance
750pF
Capacitance Tolerance
±5%
Resistance
10,000 MΩ min.
Q (min)
1000
Temperature Characteristics (EIA/JIS)
C0G/CG
Temperature Range (EIA/JIS)
-55 to +125℃/-55 to +125℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.0mm ±0.05
W
0.5mm ±0.05
T
0.5mm ±0.05
e
0.25mm ±0.10
2014.12.23
1 / 1


Similar Part No. - UMK105CG751JV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK105CG751JVHF TAIYO-YUDEN-UMK105CG751JVHF Datasheet
307Kb / 2P
   MLCC (Temperature compensating type) for Automotive
More results

Similar Description - UMK105CG751JV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG1R1BD-W TAIYO-YUDEN-EMK042CG1R1BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG1R7BD-W TAIYO-YUDEN-EMK042CG1R7BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG2R9BD-W TAIYO-YUDEN-EMK042CG2R9BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG040BD-W TAIYO-YUDEN-EMK042CG040BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG3R9BD-W TAIYO-YUDEN-EMK042CG3R9BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG4R1CD-W TAIYO-YUDEN-EMK042CG4R1CD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG5R2DD-W TAIYO-YUDEN-EMK042CG5R2DD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG0R5BD-W TAIYO-YUDEN-EMK042CG0R5BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG0R7BD-W TAIYO-YUDEN-EMK042CG0R7BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG1R5BD-W TAIYO-YUDEN-EMK042CG1R5BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG5R6DD-W TAIYO-YUDEN-EMK042CG5R6DD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com