Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNDR27JKF Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ELJNDR27JKF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR27JKF Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ELJNDR27JKF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 8Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 9Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 10Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 11Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 12Page - Panasonic Semiconductor ELJNDR27JKF Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Chip Inductors
High Power Types PC, PA
s Examples: Type 2520 (1008) PC
s Examples: Type 3225 (1210) PA
Part No.
µH
Tolerance
Q
Inductance
L, Q
Test–Frequency
MHz
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
ELJPA1R0MF
1.0
150
0.15
600
ELJPA1R5MF
1.5
110
0.18
550
ELJPA2R2MF
2.2
80
0.23
500
ELJPA3R3MF
3.3
58
0.28
400
ELJPA4R7MF
4.7
46
0.34
350
ELJPA6R8MF
6.8
38
0.42
300
ELJPA100KF
10
23
0.50
240
ELJPA120KF
12
21
0.60
230
ELJPA150KF
15
18
0.74
220
ELJPA180KF
18
17
0.90
205
ELJPA220KF
22
15
1.15
185
ELJPA270KF
27
13
1.45
165
ELJPA330KF
33
12
1.65
155
ELJPA390KF
39
11
1.90
145
ELJPA470KF
47
9.5
2.25
135
ELJPA560KF
56
8.5
3.30
110
ELJPA680KF
68
7.5
3.70
105
ELJPA820KF
82
7.0
4.20
100
ELJPA101KF
100
6.5
5.00
90
ELJPA121KF
120
6.0
7.00
75
ELJPA151KF
150
5.5
8.00
70
ELJPA181KF
180
5.0
9.50
65
ELJPA221KF
220
4.0
11.0
60
ELJPA271KF
270
3.5
14.5
55
ELJPA331KF
330
3.0
16.0
50
*Self-Resonant Frequency ** DC Resistance
±20%
7
15
±10%
7.96
2.52
20
0.796
Part No.
µH
Tolerance
Q
min.
Inductance
L, Q
Test–Frequency
MHz
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
ELJPC1R0MF
1.0
95
0.45
475
ELJPC1R5MF
1.5
85
0.55
435
ELJPC2R2MF
2.2
65
0.65
390
ELJPC3R3MF
3.3
55
0.85
340
ELJPC4R7MF
4.7
43
1.2
285
ELJPC6R8KF2
6.8
39
1.3
275
ELJPC100KF
10.0
32
2.2
210
ELJPC120KF
12.0
25
2.7
195
ELJPC150KF
15.0
21
3.2
175
ELJPC220KF
22.0
18
4.0
160
ELJPC330KF
33.0
16
6.5
120
*Self-Resonant Frequency ** DC Resistance
±20%
10
8
20
±10%
7.96
2.52
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJNDR27JKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNDR27J/KF PANASONIC-ELJNDR27J/KF Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJNDR27JKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com