Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3232C1226J00 Datasheet(PDF) 9 Page - TDK Electronics

Part # B3232C1226J00
Description  Film capacitors ??AC capacitors Motor run capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3232C1226J00 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B3232C1226J00 Datasheet HTML 2Page - TDK Electronics B3232C1226J00 Datasheet HTML 3Page - TDK Electronics B3232C1226J00 Datasheet HTML 4Page - TDK Electronics B3232C1226J00 Datasheet HTML 5Page - TDK Electronics B3232C1226J00 Datasheet HTML 6Page - TDK Electronics B3232C1226J00 Datasheet HTML 7Page - TDK Electronics B3232C1226J00 Datasheet HTML 8Page - TDK Electronics B3232C1226J00 Datasheet HTML 9Page - TDK Electronics B3232C1226J00 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32321/B32323 MotorCap™
VR
V AC
CR
µF
Max. dimensions
d × l (mm)
B32321
Max. dimensions
d × l (mm)
B32323
Ordering code
Packing units
pcs.
480
3
30 × 62
30 × 62
B3232*B7305J0#0
112
4
30 × 62
30 × 62
B3232*B7405J0#0
112
5
30 × 62
30 × 62
B3232*B7505J0#0
112
6
35 × 62
35 × 62
B3232*B7605J0#0
84
7
35 × 71
35 × 71
B3232*B7705J0#0
84
8
35 × 71
35 × 71
B3232*B7805J0#0
84
9
35 × 71
35 × 71
B3232*B7905J0#0
84
10
40 × 71
40 × 71
B3232*B7106J0#0
45
12
40 × 71
40 × 71
B3232*B7126J0#0
45
15
45 × 71
45 × 71
B3232*B7156J0#0
45
18
45 × 71
45 × 71
B3232*B7186J0#0
45
20
45 × 71
45 × 71
B3232*B7206J0#0
45
22
45 × 71
45 × 71
B3232*B7226J0#0
45
25
45 × 95
45 × 95
B3232*B7256J0#0
45
30
45 × 95
45 × 95
B3232*B7306J0#0
45
35
45 × 95
45 × 95
B3232*B7356J0#0
45
40
45 × 95
45 × 95
B3232*B7406J0#0
45
Composition of ordering code:
*: Terminals
21
single fast on terminals
23
double fast on terminals
#: Construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with fast fixation device, available for diameters 30 mm, 32 mm and 35 mm,
others on request
U Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for Power
Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to
prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are
kindly requested to approve our product specifications or request our approval for your specification before ordering.
FK PC PM AC
July 2007
Please read the important notes,
Page 8 of 9
cautions and warnings.


Similar Part No. - B3232C1226J00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
424Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32320B4106J010 EPCOS-B32320B4106J010 Datasheet
424Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32320B4106J010 TDK-B32320B4106J010 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
More results

Similar Description - B3232C1226J00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com