Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3232C1356J00 Datasheet(PDF) 5 Page - TDK Electronics

Part # B3232C1356J00
Description  Film capacitors ??AC capacitors Motor run capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3232C1356J00 Datasheet(HTML) 5 Page - TDK Electronics

  B3232C1356J00 Datasheet HTML 1Page - TDK Electronics B3232C1356J00 Datasheet HTML 2Page - TDK Electronics B3232C1356J00 Datasheet HTML 3Page - TDK Electronics B3232C1356J00 Datasheet HTML 4Page - TDK Electronics B3232C1356J00 Datasheet HTML 5Page - TDK Electronics B3232C1356J00 Datasheet HTML 6Page - TDK Electronics B3232C1356J00 Datasheet HTML 7Page - TDK Electronics B3232C1356J00 Datasheet HTML 8Page - TDK Electronics B3232C1356J00 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32321/B32323 MotorCap™
Approvals
VDE EN 60252
400 V / 85 °C:
10,000 h (class B)
480 V / 85°C:
3,000 h (class C)
Approved
Approved
UL 810 E183224
250 V
400 V
480 V
Approved
Approved
Approved
FK PC PM AC
July 2007
Please read the important notes,
Page 4 of 9
cautions and warnings.


Similar Part No. - B3232C1356J00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
424Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32320B4106J010 EPCOS-B32320B4106J010 Datasheet
424Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32320B4106J010 TDK-B32320B4106J010 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
More results

Similar Description - B3232C1356J00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com