Electronic Components Datasheet Search |
|
B32333-450 Datasheet(PDF) 2 Page - TDK Electronics |
|
B32333-450 Datasheet(HTML) 2 Page - TDK Electronics |
2 / 7 page Film Capacitors – AC Capacitors B32333 Motor run capacitors B32333 – Super MotorCap™, 450 V FILM AC R&D Nov 2013 Page 2 of 7 . Construction Metallized polypropylene film Aluminum can with protective aluminum cover Soft polyurethane resin Applications For general sine wave applications, mainly as motor run capacitor, e.g. compressor motor application Features Self-healing properties Low dissipation factor Highest safety level P2 to IEC 60252-1 2001-02 Overpressure disconnection device High insulation resistance EN 60335-1 compliance on request Terminals Twin core cable, double insulated, (H05V2V2F) Twin core cable UL style on request Receptacles on request Compliance to IEC60112 Mounting parts (optional) Threaded stud at bottom of can (M8, max. torque = 5 Nm) Technical data and specifications Reference standards IEC 60252-1 2001-02, EN 60252 2001 UL 810 Life expectance to IEC 60252 2001 450 V: 30000 h (class A) Safety class according to IEC 60252-1 2001-02 P2 UL 810 file E 106388 Approved Component 10000 AFC protected up to 450 V Rated capacitance CR See table ordering codes, page 6 Tolerance ±5% Permitted capacitance ∆C/C ≤3% Rated voltage VR 450 V AC Rated frequency fR 50/60 Hz |
Similar Part No. - B32333-450 |
|
Similar Description - B32333-450 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |