Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNC68NJKF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJNC68NJKF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNC68NJKF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJNC68NJKF Datasheet HTML 1Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 2Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 3Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 4Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 5Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 6Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 7Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 8Page - Panasonic Semiconductor ELJNC68NJKF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Chip Inductors
s Inductance, Size Guide
Type Name
1608 (0603)
RE
Refer to EL8
2012 (0805)
ND
Refer to EL9
2520 (1008)
NA
Refer to EL10
3225 (1210)
NA
Refer to EL11
2012 (0805)
FD
Refer to EL11
2520 (1008)
FC
Refer to EL12
3225 (1210)
FA
Refer to EL13
3225 (1210)
SA
Mag. Shield
Refer to EL14
4532 (1812)
FB
Refer to EL14
2520 (1008)
PC
Refer to EL15
3225 (1210)
PA
Refer to EL15
L Value (
µH)
Notes
0.001
1000
100
10
1.0
0.1
0.01
DJ
K
J, K
K
K
MK
J
K
K, M
J, K
K, M
J, K
J, K
M
MK
K
J, K
330
µH
1.0
µH
1.0
µH
Size unit: mm (inch)
1000
µH
100
µH
270
µH
10
µH
0.22
µH
1.0
µH
220
µH
100
µH
1.0
µH
0.22
µH
0.82
µH
4.7
µH
8.2
µH
1.0
µH
0.22
µH
0.047 nH
6.8
µH
33
µH
10
µH
10 nH
820 nH
1000 nH
33 nH
1.5 nH 3.9 nH
100 nH
10 nH
• Low inductance,
tight tolerance
• Stable L value,
against an envision
mental condition
• Suitable for high-
frequency circuits
• Suitable for
various
applications
• Low DC resistance
and large rated DC
current
• Suitable for power
line as choke coil
D :
±0.3 nH
J :
± 5%
K :
±10%
M :
±20%
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJNC68NJKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNC68NF PANASONIC-ELJNC68NF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJNC68NK/JF PANASONIC-ELJNC68NK/JF Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJNC68NJKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com