Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR2442T Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFBR2442T
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR2442T Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFBR2442T Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR2442T Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
50
Mechanical Dimensions
HFBR-0400 ST Series
HFBR-X44X
HFBR-X46X
HFBR-X41X
13.2
(0.52)
2.5 (0.10)
DIA PIN
CIRCLE
8.6
(0.34)
PIN DIA
NOTE 2
DIA
NOTE: ALL DIMENSIONS IN MILLIMETRES AND (INCHES).
18.6
(0.73)
7.0
(0.28)
7.1
(0.28)
7.1
(0.28)
2.O
(0.08)
0.46
(0.018)
2
1
3
4
8.2
(0.32)
9.1
(0.36)
DIA
DIA
PART MARKING
2.5
(0.10)
7.1
(0.28)
3.6
(0.14)
TYP
NOTE 2
DIA
2.5
(0.10)
DIA PIN
CIRCLE
12
3
4
0.46 (0.018)
PIN DIA
4.9
(0.19)
2.4
(0.09)
2.0
(0.08)
7.0
(0.28)
3.0
(0.12)
2.5
(0.10)
TYP
TYP
TYP
TYP
7.1
(0.28)
DIA
18.6
(0.73)
8.6
(0.34)
MIN
8.2
8.2
(0.32)
DIA
PART MARKING
6.35
(0.25)
2.54
(0.10)
3.81
(0.15)
7.0
(0.28)
DIA
12.7
(0.50)
12.7
(0.50)
27.2
(1.07)
5.1
(0.20)
10.2
(0.40)
3.6
(0.14)
8.2
(0.32)
1.27
(0.05)
2.54
(0.10)
PINS 1,4,5,8
0.51 X 0.38
(0.020 X 0.015)
PINS 2,3,6,7
0.46
(0.018)
DIA
PIN NO. 1
INDICATOR


Similar Part No. - HFBR2442T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR2442T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com