Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1H682JJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EETHC1H682JJ
Description  Aluminum Electrolytic Capacitors/ HC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1H682JJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button EETHC1H682JJ Datasheet HTML 2Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 9Page - Panasonic Semiconductor EETHC1H682JJ Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
– EEE-140 –
Standard Products
✽When capacitors of 035×45L and 035×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
max.
(V. DC)
(μF)
(mm)
(mm)
(A r.m.s.)
(pcs)
160
470
22
25
EETHC2C471HJ
1.40
0.15
200
560
22
30
EETHC2C561HJ
1.50
0.15
200
680
22
30
EETHC2C681HJ
1.70
0.15
200
25
25
EETHC2C681JJ
1.70
0.15
200
820
22
35
EETHC2C821HJ
2.00
0.15
200
25
30
EETHC2C821JJ
2.00
0.15
200
1000
22
40
EETHC2C102HJ
2.20
0.15
200
25
35
EETHC2C102JJ
2.20
0.15
200
30
25
EETHC2C102KJ
2.20
0.15
100
1200
22
45
EETHC2C122HJ
2.30
0.15
200
25
40
EETHC2C122JJ
2.30
0.15
200
30
30
EETHC2C122KJ
2.30
0.15
100
35
25
EETHC2C122LJ
2.30
0.15
100
1500
25
45
EETHC2C152JJ
2.50
0.15
200
30
35
EETHC2C152KJ
2.50
0.15
100
35
30
EETHC2C152LJ
2.50
0.15
100
1800
25
50
EETHC2C182JJ
2.70
0.15
200
30
40
EETHC2C182KJ
2.70
0.15
100
35
30
EETHC2C182LJ
2.70
0.15
100
2200
30
45
EETHC2C222KJ
2.90
0.15
100
35
35
EETHC2C222LJ
2.90
0.15
100
2700
30
50
EETHC2C272KJ
3.10
0.15
100
35
40
EETHC2C272LJ
3.10
0.15
100
3300
35
50
EETHC2C332LJ
3.30
0.15
100
180
470
22
25
EETHC2P471HC
1.45
0.15
200
560
22
30
EETHC2P561HJ
1.50
0.15
200
25
25
EETHC2P561JJ
1.50
0.15
200
680
22
35
EETHC2P681HJ
1.70
0.15
200
25
30
EETHC2P681JJ
1.70
0.15
200
820
22
40
EETHC2P821HJ
2.00
0.15
200
25
30
EETHC2P821JJ
2.00
0.15
200
30
25
EETHC2P821KJ
2.00
0.15
100
1000
22
45
EETHC2P102HJ
2.20
0.15
200
25
40
EETHC2P102JJ
2.20
0.15
200
30
30
EETHC2P102KJ
2.20
0.15
100
35
25
EETHC2P102LJ
2.20
0.15
100
1200
25
45
EETHC2P122JJ
2.30
0.15
200
30
30
EETHC2P122KC
2.30
0.15
100
30
35
EETHC2P122KJ
2.30
0.15
100
1500
25
50
EETHC2P152JJ
2.50
0.15
200
30
40
EETHC2P152KJ
2.50
0.15
100
35
30
EETHC2P152LJ
2.50
0.15
100
1800
30
45
EETHC2P182KJ
2.70
0.15
100
35
35
EETHC2P182LJ
2.70
0.15
100
2200
30
50
EETHC2P222KJ
2.90
0.15
100
35
40
EETHC2P222LJ
2.90
0.15
100
2700
35
50
EETHC2P272LJ
3.10
0.15
100
Endurance : 105 °C 2000 h
01 Sep. 2013
Discontinued


Similar Part No. - EETHC1H682JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1H682JJ PANASONIC-EETHC1H682JJ Datasheet
555Kb / 13P
   Snap-in Type
More results

Similar Description - EETHC1H682JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2E182LF PANASONIC-EET-HC2E182LF Datasheet
180Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC0J470R PANASONIC-EEE-HC0J470R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EEE-HC1V221P PANASONIC-EEE-HC1V221P Datasheet
109Kb / 3P
   Aluminum Electrolytic Capacitors/ HC
EEEHC0J220R PANASONIC-EEEHC0J220R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors HC
EEE-HC1C100R PANASONIC-EEE-HC1C100R Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ HC
EET-HC2V102LF PANASONIC-EET-HC2V102LF Datasheet
656Kb / 13P
   Alumincum Electrolytic Capacitors/HC
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com