Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTP9030 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTP9030
Description  Single Chip Wireless Power Transmitter IC for TX-A1
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTP9030 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTP9030 Datasheet HTML 1Page - Integrated Device Technology IDTP9030 Datasheet HTML 2Page - Integrated Device Technology IDTP9030 Datasheet HTML 3Page - Integrated Device Technology IDTP9030 Datasheet HTML 4Page - Integrated Device Technology IDTP9030 Datasheet HTML 5Page - Integrated Device Technology IDTP9030 Datasheet HTML 6Page - Integrated Device Technology IDTP9030 Datasheet HTML 7Page - Integrated Device Technology IDTP9030 Datasheet HTML 8Page - Integrated Device Technology IDTP9030 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Single Chip Wireless
Power Transmitter IC for TX-A1
Product Datasheet
IDTP9030
Revision 1.0.2
1
© 2012 Integrated Device Technology, Inc.
Features
Single-Chip 5W Solution for Wireless Power
Consortium (WPC)-compliant power transmitter
design A1
Conforms to WPC specification version 1.1
specifications
19±1V Operating Input Voltage
Integrated Half-Bridge Inverter
Closed-Loop Power Transfer Control between Base
Station and Mobile Device
Demodulates and Decodes WPC-Compliant
Message Packets
5V Regulated DC/DC Converter
Integrated RESET Function
Proprietary Back –Channel Communication
I2C Interface
Open-Drain LED Indicator Outputs
Over-Temperature/Voltage/Current Protection
Security and encryption up to 64 bits
Foreign Object Detection (FOD) for safety
Applications
WPC-Compliant Wireless Charging Base Stations
Package: 6x6-48 TQFN (See page 27)
Ordering Information (See page 28)
Description
The IDTP9030 is a highly-integrated single-chip WPC-compliant
wireless power transmitter IC for power transmitter design A1. The
device operates with a 19V (±1V) adapter, and supplies an integrated
half-bridge inverter for DC/AC conversion. It controls the transferred
power by modulating the switching frequency of the half-bridge inverter
from 110kHz to 205kHz at a fixed 50% duty cycle specified by the WPC
specification for an “A1” transmitter. It contains logic circuits required to
demodulate and decode WPC-compliant message packets sent by the
mobile device to adjust the transferred power.
The IDTP9030 is an intelligent device that periodically pings the area
surrounding the base station to detect a mobile device for charging
while minimizing idle power. Once the mobile device is detected and
authenticated, the IDTP9030 continuously monitors all communications
from the mobile device, and adjusts the transmitted power accordingly
by varying the switching frequency of the half-bridge inverter.
The IDTP9030 features a proprietary back-channel communication
mode which enables the device to communicate to IDT’s wireless
power receiver solutions (e.g. IDTP9020). This feature enables
additional layers of capabilities relative to standard WPC requirements.
This device also features optional security and encryptions to securely
authenticate the receiver before transferring power. This feature is
available when an IDTP9020 is used for the receiver.
The device includes over-temperature/voltage/current protection and a
Foreign Object Detection (FOD) method to protect the base station and
mobile device from overheating in the presence of a metallic foreign
object. It manages fault conditions associated with power transfer and
controls status LEDs to indicate operating modes.
Typical Application Circuit
Mobile Device
Receiver
Control System
Power Pick-Up
Comm
Cont
Mod
Sensing
Control
Out
PWR
Base Station
Transmitter(s)
Control System
Power Generation
Comm
Cont
DeMod
IN
PWR
Sensing
Control
Induction
Load
Reflection
Comm
Control
Wireless
Interface


Similar Part No. - IDTP9030

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTP9120 IDT-IDTP9120 Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
logo
Renesas Technology Corp
IDTP9120 RENESAS-IDTP9120 Datasheet
1Mb / 25P
   Triple Channel Synchronous StepDown Switcher with Integrated FET
March 12, 2014
logo
Integrated Device Techn...
IDTP9120-00NBGI IDT-IDTP9120-00NBGI Datasheet
1Mb / 24P
   Triple Channel Synchronous Step- Down Switcher with Integrated FET
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
   Dual Channel Synchronous Step- Down Switcher with Integrated FET
logo
Renesas Technology Corp
IDTP9122 RENESAS-IDTP9122 Datasheet
934Kb / 17P
   Dual Channel Synchronous StepDown Switcher with Integrated FET
March 12, 2014
More results

Similar Description - IDTP9030

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9036B IDT-P9036B Datasheet
943Kb / 24P
   12V Wireless Power Transmitter IC for TX-A6
logo
Renesas Technology Corp
P9036B RENESAS-P9036B Datasheet
1Mb / 25P
   12V Wireless Power Transmitter IC for TX-A6
Revision 1.0.0
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
   Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
   Wireless Power Transmitter IC
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
   Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
   Wireless Power Transmitter
logo
Renesas Technology Corp
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
   Wireless Power Transmitter for ≤3W Applications
May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com