Electronic Components Datasheet Search |
|
LNT1H154MSE Datasheet(PDF) 2 Page - Nichicon corporation |
|
LNT1H154MSE Datasheet(HTML) 2 Page - Nichicon corporation |
2 / 5 page P 7 Pressure relief vent Pressure relief vent A±2 120 ° 30 ° Sleeve Bottom plate Hexagenal headed bolt P±2 B T U L+ MAX. H±1 ±1 h U S Screw terminal type for φ 51 and larger Dimension of terminal pitch (W) and length (R) and Nominal dia.of bolt Dimensions of mounting bracket (mm) (mm) P A T S U ° H h φD 51.5 63.5 76.2 90.5 100.50 W 22.0 28.6 31.8 31.8 41.5 R 6 6 6 6 10 α 3 3 3 3 4 Nominal.of bolt M5 M5 M5 M5 M8 51 32.5 38.5 7.5 5.0 12 60 20 15 63.5 38.1 43 8.0 5.0 14 60 25 20 76.2 44.5 49.2 7.0 5.0 14 60 30 24 90 50.8 58.5 8.0 5.0 18 60 35 25 100 56.3 62 8.0 5.0 16 60 36 30 51 33.2 40 6.0 4.5 14 30 25 15 63.5 40.5 46.5 7.0 4.5 14 30 35 20 76.2 46.5 53 6.0 4.5 14 30 35 20 90 53 59 6.0 4.5 14 30 35 20 3-Legs 2-Legs Symbol φD Leg Shape NT series ALUMINUM ELECTROLYTIC CAPACITORS ∗B 3-leg brackets for φ90 capacitors have different hole shapes from the ordinary ones as illustrated below. P 7 33000 47000 68000 100000 150000 220000 330000 470000 680000 1000000 1500000 35 × 80 35 × 100 51 × 80 51 × 100 51 × 120 63.5 × 120 76.2 × 120 90 × 140 90 × 170 90 × 220 100 × 220 4.8 6.2 6.8 8.6 10.8 13.2 15.8 17.0 18.4 20.1 22.1 0.65 0.65 0.80 0.80 0.85 1.20 2.00 2.40 2.40 2.40 2.40 1.72 2.05 2.47 3.00 3.67 4.44 5.00 5.00 5.00 5.00 5.00 LNT1A333MSE LNT1A473MSE LNT1A683MSE LNT1A104MSE LNT1A154MSE LNT1A224MSE LNT1A334MSE LNT1A474MSE LNT1A684MSE LNT1A105MSE LNT1A155MSE 10V (1A) Rated ripple (Arms) tan δ Leakage Current (mA) Code Size φD × L(mm) Cap. (µF) 33000 47000 68000 100000 150000 220000 330000 470000 680000 1000000 1500000 35 × 80 35 × 100 51 × 80 51 × 100 51 × 120 63.5 × 120 76.2 × 120 90 × 140 90 × 170 90 × 220 100 × 250 5.2 6.8 7.1 9.6 11.0 14.1 20.6 22.1 24.0 26.1 28.8 0.45 0.45 0.60 0.60 0.60 0.80 1.20 2.00 2.00 2.00 2.00 2.17 2.60 3.12 3.79 4.64 5.00 5.00 5.00 5.00 5.00 5.00 LNT1C333MSE LNT1C473MSE LNT1C683MSE LNT1C104MSE LNT1C154MSE LNT1C224MSE LNT1C334MSE LNT1C474MSE LNT1C684MSE LNT1C105MSE LNT1C155MSE 16V (1C) Rated ripple (Arms) tan δ Leakage Current (mA) Code Size φD × L(mm) Cap. (µF) Dimensions Rated ripple current (Arms) at 105°C 120Hz CAT.8100C |
Similar Part No. - LNT1H154MSE |
|
Similar Description - LNT1H154MSE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |