Electronic Components Datasheet Search |
|
EETHC1J822KJ Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EETHC1J822KJ Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 13 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ HC – EEE-135 – 1.5±0.2 2.0 max. Terminal (t=0.8) 4.0±0.5 Top of spin Standard terminal type does not require terminal trimming peocess. L+2.0 max. Rated voltage etc. indicate to sleeve. (10.0) 10.0±0.1 2- 02.0±0.1 Sleeve Vent Polarity bar Recommended PWB piercing plan 0.8 +0.2 –0.1 ( 0D) ■ Features ● Endurance : 105 °C 2000 h ● 30 % smaller than series TS-HB ● RoHS directive compliant Snap-in Type Series: HC Type: TS ■ Dimensions in mm (not to scale) ■ Specifications Category Temp. Range –40 °C to +105 °C –25 °C to +105 °C Rated W.V. Range 10 V.DC to 100 V.DC 160 V.DC to 250 V.DC 315 V.DC to 450 V.DC Nominal Cap. Range 820 μF to 100000 μF 150 μF to 3300 μF 39 μF to 1000 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current 3 √CV (μA) max. After 5 minutes application of rated working voltage at +20 °C. C : Capacitance (μF) V: W.V. (V.DC) tan d Please see the attached standard products list Endurance After 2000 hours application of DC voltage with specified ripple current ( < rated DC working voltage) at +105 °C±2 °C, the capacitors shall meet the following limits. Capacitance change < ±20 % of initial measured value tan d < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C within no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) (Unit : mm) ■ Frequency correction factor for ripple current Rated Voltage Frequency (Hz) 50 60 100 120 500 1 k 10 k to 10 V.DC to 100 V.DC /C.F. 0.93 0.95 0.99 1.00 1.05 1.08 1.15 160 V.DC to 450 V.DC /C.F. 0.75 0.80 0.95 1.00 1.20 1.25 1.40 01 Sep. 2013 Discontinued |
Similar Part No. - EETHC1J822KJ |
|
Similar Description - EETHC1J822KJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |