Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC51-0804-956-2 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # IC51-0804-956-2
Description  Series Overview QFP (Quad Flat Packages, Gullwing Leads)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC51-0804-956-2 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  IC51-0804-956-2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC51-0804-956-2 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC51-0804-956-2 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC51-0804-956-2 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC51-0804-956-2 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC51-0804-956-2 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
..
Test & Burn-In
Speci cations
Insulation Resistance:
1,000MΩ min. at 500V DC, pitch 0.5
1,000MΩ min. at 500V DC, pitch 0.65
Dielectric Withstanding Voltage: 100V AC for 1 minute, pitch 0.5
500V AC for 1 minute, pitch 0.65
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +150°C
Mating Cycles:
10,000 insertions min.
Contact Force:
20g to 45g per pin
Materials and Finish
Housing: Polyetherimide (PEI), glass- lled
Polyethersulphone (PES) glass- lled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series Overview
*QFP (Quad Flat Packages, Gullwing Leads)
Speci cations
Insulation Resistance:
1,000MΩ min. at 500V DC or
1,000MΩ min. at 100V DC
Dielectric Withstanding Voltage: 100/500/700V AC for 1 minute
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +170°C and –40°C to +150°C
Contact Force:
20g to 80g per pin
Mating Cycles:
10,000 insertions min.
The information above is typical for this Series
for individual speci cations please contact Yamaichi
Materials and Finish
Housing: Polyetherimide (PEI), glass- lled
Polyphenylenesul de (PPS), glass- lled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series IC200 / IC201 / IC216 / IC217 / IC218 / IC248 (Open Top)
Quad Flat Packages (QFP)
Part Number (Details)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin:
Protection Key**
N = Without Positioning Pin
P = With Positioning Pin
K = With Protection Key
Unmarked = Without Protection Key
IC200
128
001
4*
*
--
-
**Protection Key: Prevents IC from releasing during transportation
Series IC402 (Open Top)
Quad Flat Package (QFP) with 2-Point Contact Type
0.5 to 0.8mm Pitch
0.5mm Pitch
--
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin
N = Without Positioning Pin
P = With Positioning Pin
IC402
100
002
4*
Part Number (Details)
Speci cations
Insulation Resistance:
1,000MΩ min. at 100V DC pitch 0.4, 0.5
1,000MΩ min. at 500V DC pitch 0.65, 0.8
Dielectric Withstanding Voltage: 100V AC for 1 minute pitch 0.4, 0.5
500V AC for 1 minute pitch 0.65
700V AC for 1 minute pitch 0.8
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Operating Temperature Range:
–40°C to +150°C
Contact Force:
20g to 80g per pin
Mating Cycles:
10,000 insertions min.
Materials and Finish
Housing: Polyetherimide (PEI), glass- lled
Polyethersulphone (PES) glass- lled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Series IC234 (Open Top)
Quad Flat Package (QFP) with Shoulder Contact Type
0.4 to 0.8mm Pitch
Part Number (Details)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Positioning Pin
N = Without Positioning Pin
P = With Positioning Pin
K = Protection Key
IC234
120
017
4*
--
cont‘d next page
**
** Protection Key: Prevents IC from releasing during transportation


Similar Part No. - IC51-0804-956-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC51-0804-956-2 ETC2-IC51-0804-956-2 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC51-0804-956-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com