Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFD3R3KF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJFD3R3KF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFD3R3KF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJFD3R3KF Datasheet HTML 1Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 2Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 3Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 4Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 5Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 6Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 7Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 8Page - Panasonic Semiconductor ELJFD3R3KF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Chip Inductors
s Examples: Type 1202 (0805) ND
Part No.
nH
(100 MHz)
Tolerance
Q*
1 min.
(100 MHz)
Inductance
L • Q
Test–Frequency
(100 MHz)
SRF*
2
*3 min.
(MHz)
R DC
±30%
(
Ω)
IDC max.
(mA)
ELJND10NKF
10
2500
0.14
540
ELJND12NKF
12
2500
0.18
535
ELJND15NKF
15
2500
0.18
520
ELJND18NKF
18
2000
0.22
480
ELJND22NKF
22
2000
0.22
465
ELJND27NKF
27
1800
0.26
455
ELJND33NJ/KF
33
1500
0.30
395
ELJND39NJ/KF
47
1500
0.31
390
ELJND47NJ/KF
56
1000
0.35
385
ELJND56NJ/KF
68
800
0.39
360
ELJND68NJ/KF
82
800
0.44
340
ELJND82NJ/KF
82
800
0.48
330
ELJNDR10J/KF
100
800
0.66
2.85
ELJNDR12J/KF
120
600
0.76
275
ELJNDR15J/KF
150
600
1.13
230
ELJNDR18J/KF
180
600
1.24
195
ELJNDR22J/KF
220
500
1.41
170
ELJNDR27J/KF
270
300
1.41
170
ELJNDR33J/KF
330
200
1.66
160
ELJNDR39J/KF
390
150
1.82
150
ELJNDR47J/KF
470
150
1.97
145
ELJNDR56J/KF
560
100
2.07
140
ELJNDR68J/KF
680
100
2.32
130
ELJNDR82J/KF
820
80
2.60
125
ELJND1ROJ/KF
1000
80
2.98
120
*Test instrument * 1 HP4191A * 2 HP8753B * 3 Self-resonant frequency
± 10%
± 5%
± 10%
10
12
15
8
10
8
7.96
25.2
100
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJFD3R3KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA100F PANASONIC-ELJFA100F Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFD3R3KF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com