Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFCR27MKF Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJFCR27MKF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFCR27MKF Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ELJFCR27MKF Datasheet HTML 4Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 5Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 6Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 7Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 8Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 9Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 10Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 11Page - Panasonic Semiconductor ELJFCR27MKF Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Chip Inductors
s Examples: Type 3225 (1210) FA
Part No.
µH
Tolerance
Q min.
Inductance
L, Q
Test–Frequency
MHz
SRF* min.
(MHz)
DCR**
Ω max.
Rated DC
Current
mA max.
*Self-resonant frequency ** DC resistance
±20%
±10%
± 10%
± 5%
25
30
25.2
7.96
20
0.796
25.2
ELJFAR22M/KF2
0.22
230
0.29
360
ELJFAR27M/KF2
0.27
210
0.32
345
ELJFAR33M/KF2
0.33
190
0.35
330
ELJFAR39M/KF2
0.39
175
0.39
305
ELJFAR47M/KF2
0.47
160
0.44
290
ELJFAR56M/KF2
0.56
150
0.49
275
ELJFAR68M/KF2
0.68
135
0.55
260
ELJFAR82M/KF2
0.82
125
0.61
245
ELJFA1ROK/JF2
1.0
115
0.69
230
ELJFA1R2K/JF2
1.2
100
0.75
215
ELJFA1R5K/JF
1.5
90
0.75
210
ELJFA1R8K/JF
1.8
85
0.82
200
ELJFA2R2K/JF
2.2
80
0.95
190
ELJFA2R7K/JF
2.7
75
1.1
180
ELJFA3R3K/JF
3.3
65
1.2
180
ELJFA3R9K/JF
3.9
60
1.3
175
ELJFA4R7K/JF
4.7
55
1.5
165
ELJFA5R6K/JF
5.6
50
1.6
160
ELJFA6R8K/JF
6.8
45
1.8
150
ELJFA8R2K/JF
8.2
40
2.0
140
ELJFA100K/JF
10
36
2.1
140
ELJFA120K/JF
12
33
2.5
125
ELJFA150K/JF
15
30
2.8
120
ELJFA180K/JF
18
27
3.3
110
ELJFA220K/JF
22
25
3.7
105
ELJFA270K/JF
27
22
5.0
90
ELJFA330K/JF
33
20
5.6
85
ELJFA390K/JF
39
20
6.4
80
ELJFA470K/JF
47
15
7.0
75
ELJFA560K/JF
56
15
8.0
70
ELJFA680K/JF
68
15
9.0
65
ELJFA820K/JF
82
11
10
60
ELJFA101K/JF
100
10
10
60
ELJFA121K/JF
120
10
11
55
ELJFA151K/JF
150
8
15
50
ELJFA181K/JF
180
7
17
50
ELJFA221K/JF
220
7
21
45
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJFCR27MKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFCR27MF PANASONIC-ELJFCR27MF Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
More results

Similar Description - ELJFCR27MKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com