Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32559C Datasheet(PDF) 9 Page - TDK Electronics

Part # B32559C
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32559C Datasheet(HTML) 9 Page - TDK Electronics

Back Button B32559C Datasheet HTML 5Page - TDK Electronics B32559C Datasheet HTML 6Page - TDK Electronics B32559C Datasheet HTML 7Page - TDK Electronics B32559C Datasheet HTML 8Page - TDK Electronics B32559C Datasheet HTML 9Page - TDK Electronics B32559C Datasheet HTML 10Page - TDK Electronics B32559C Datasheet HTML 11Page - TDK Electronics B32559C Datasheet HTML 12Page - TDK Electronics B32559C Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA
≤55 °C)
For TA >55
°C, please refer to "General technical information", section 3.2.3.
Lead spacing 5 mm
63 V DC/40 V AC
100 V DC/63 V AC
250 V DC/160 V AC
400 V DC/200 V AC
B32559C
Compact design (stacked)
Page 9 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32559C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0105 EPCOS-B32559C0105 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0224 EPCOS-B32559C0224 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0334 EPCOS-B32559C0334 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0474 EPCOS-B32559C0474 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32559C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com