Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC234-1604-018 Datasheet(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

Part # IC234-1604-018
Description  Series Overview QFP (Quad Flat Packages, Gullwing Leads)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC234-1604-018 Datasheet(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  IC234-1604-018 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC234-1604-018 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC234-1604-018 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC234-1604-018 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC234-1604-018 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC234-1604-018 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IC51-1004-809-14
0.5
100
14.0 x 14.0
16.0 x 16.0
15.3
39.0 x 39.0
CL
IC51-1004-809-2
0.5
100
14.0 x 14.0
16.0 x 16.0
15.3
39.0 x 39.0
CL
IC51-1004-809-6
0.5
100
14.0 x 14.0
16.0 x 16.0
15.3
39.0 x 39.0
CL
IC201-1204-017 *-*
0.5
120
16.0 x 16.0
18.4 x 18.4
0.95
33.4 x 33.4
OT
IC234-1204-058 *
0.5
120
16.0 x 16.0
18.0 x 18.0
0.67
35.6 x 35.6
OT
IC51-1204-1652
0.5
120
16.0 x 16.0
18.0 x 18.0
17.6
40.0 x 43.0
CL
IC201-026 KS-13784
0.5
128
20.0 x 20.0
22.0 x 22.0
0.685
37.0 x 36.7
OT
IC248-1284-007 *-*
0.5
128
14.0 x 20.0
16.0 x 22.0
0.67
37.4 x 43.4
OT
IC51-1284-1433
0.5
128
14.0 x 20.0
16.0 x 22.0
15.2 x 21.2
60.0 x 58.0
CL
IC51-1284-1433-10
0.5
128
14.0 x 20.0
17.2 x 23.2
16.4 x 22.4
60.0 x 58.0
CL
IC201-006 AC-04462
0.5
144
28.0 x 28.0
31.2 x 31.2
1.65
46.2 x 46.2
OT
IC201-1444-026 *-2
0.5
144
20.0 x 20.0
22.0 x 22.0
0.685
37.0 x 37.0
OT
IC201-1444-034 *
0.5
144
20.0 x 20.0
22.0 x 22.0
0.65
37.0 x 37.0
OT
IC234-1444-016 *
0.5
144
20.0 x 20.0
22.0 x 22.0
0.837
37.0 x 37.0
CL
IC402-1444-003*
0.5
144
20.0 x 20.0
22.0 x 22.0
21.3 x 21.3
0.8
30.0 x 30.0
OT
IC51-1444-1354
0.5
144
20.0 x 20.0
22.0 x 22.0
21.3 x 21.3
43.0 x 47.0
CL
IC51-1444-1354-7
0.5
144
20.0 x 20.0
22.0 x 22.0
21.3 x 21.3
43.0 x 47.0
CL
IC51-1604-1350
0.5
160
24.0 x 24.0
26.0 x 26.0
25.3
46.0 x 50.0
CL
IC217-1764-004 *-*
0.5
176
24.0 x 24.0
26.0 x 26.0
2.13
52.0 x 62.0
OT
IC234-1764-002 *
0.5
176
24.0 x 24.0
26.0 x 26.0
1.00
46.0 x 46.0
OT
IC234-1764-005 *
0.5
176
24.0 x 24.0
26.0 x 26.0
1.00
46.0 x 46.0
OT
IC51-1764-1505
0.5
176
26.0 x 26.0
26.0 x 26.0
25.3
0.9
46.0 x 46.0
CL
IC51-1764-1505-10
0.5
176
26.0 x 26.0
25.4 x 26.0
25.3
0.5
46.0 x 50.0
CL
IC51-1764-1505-5
0.5
176
24.0 x 24.0
26.0 x 26.0
25.3
46.0 x 50.0
CL
IC200-2084-009 *-*
0.5
208
28.0 x 28.0
31.2 x 31.2
1.40
51.2 x 52.2
OT
IC200-2084-010 *-*
0.5
208
28.0 x 28.0
30.6 x 30.6
1.40
50.6 x 50.6
OT
IC201-2084-001 *-*
0.5
208
28.0 x 28.0
30.0 x 30.0
1.50
45.0 x 45.0
OT
IC201-2084-029 *
0.5
208
28.0 x 28.0
30.6 x 30.6
1.67
45.6 x 45.6
OT
IC51-2084-1052-*
0.5
208
28.0 x 28.0
52.0 x 58.0
CL
IC51-2084-1509
0.5
208
27.72 x 27.72
29.8 x 29.8
29.8
52.0 x 58.0
CL
IC217-2404-007 *
0.5
240
32.0 x 32.0
34.6 x 34.6
1.75
56.1 x 56.1
OT
IC234-2404-030 *
0.5
240
32.0 x 32.0
34.6 x 34.6
1.56
51.6 x 51.6
OT
IC51-2404-1655-2
0.5
240
32.0 x 32.0
34.6 x 34.6
33.8
56.0 x 62.0
CL
IC201-2564-002 *-*-2
0.5
256
28.0 x 40.0
30.6 x 40.6
1.50
45.6 x 57.6
OT
IC51-2724-1727
0.5
272
35.92 x 35.92
37.4 x 37.4
37.6
58.0 x 72.0
CL
IC201-3044-004 *-*
0.5
304
40.0 x 40.0
42.6 x 42.6
1.50
57.6 x 57.6
OT
IC51-3044-1471-2
0.5
304
39.95 x 39.95
41.4 x 41.4
41.9
66.0 x 72.0
CL
IC51-3044-1471-5
0.5
304
39.64 x 39.64
42.6 x 42.6
41.9
66.0 x 72.0
CL
Part Numbers
Pitch Pin Count
A x B
C x D
E
F
G x H
Type
PCB’s
0.50mm Pitch (cont‘d)
IC211-0844-001 *-*
0.635
84
20.4 x 20.4
19.8 x 19.8
39.8 x 39.8
OT
IC211-1004-004 *-*
0.635
100
22.94 x 22.94
22.4 x 22.4
42.4 x 42.4
OT
IC51-1004-827
0.635
100
22.86 x 22.86
22.35 x 22.35
47.5 x 34.0
OT
IC211-1324-002 *-*
0.635
132
28.02 x 28.02
27.4 x 27.4
47.4 x 47.4
OT
IC51-1324-828
0.635
132
27.94 x 27.94
27.43 x 27.43
53.5 x 40.0
OT
0.635mm Pitch


Similar Part No. - IC234-1604-018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC234-1604-018 ETC2-IC234-1604-018 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC234-1604-018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
   SOP (Small Outline Packages, Gullwing Leads)
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
PDB-C168 ETC1-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
logo
Advanced Photonix, Inc.
PDB-C156 ADVANCEDPHOTONIX-PDB-C156 Datasheet
87Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C142 ADVANCEDPHOTONIX-PDB-C142 Datasheet
91Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C145 ADVANCEDPHOTONIX-PDB-C145 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C168 ADVANCEDPHOTONIX-PDB-C168 Datasheet
89Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C144 ADVANCEDPHOTONIX-PDB-C144 Datasheet
102Kb / 1P
   Plastic Photodiode Packages with Leads
PDB-C158 ADVANCEDPHOTONIX-PDB-C158 Datasheet
92Kb / 1P
   Plastic Photodiode Packages with Leads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com