Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNT2D153MSE Datasheet(PDF) 4 Page - Nichicon corporation

Part # LNT2D153MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT2D153MSE Datasheet(HTML) 4 Page - Nichicon corporation

  LNT2D153MSE Datasheet HTML 1Page - Nichicon corporation LNT2D153MSE Datasheet HTML 2Page - Nichicon corporation LNT2D153MSE Datasheet HTML 3Page - Nichicon corporation LNT2D153MSE Datasheet HTML 4Page - Nichicon corporation LNT2D153MSE Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
Rated ripple current (Arms) at 105°C 120Hz
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
76.2
× 140
90
× 140
90
× 220
100
× 250
1.6
2.1
2.7
3.8
4.5
6.8
7.8
9.8
12.5
13.4
17.2
19.2
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.25
0.25
0.25
1.20
1.46
1.77
2.17
2.60
3.12
3.79
4.64
5.00
5.00
5.00
5.00
LNT2C102MSE
LNT2C152MSE
LNT2C222MSE
LNT2C332MSE
LNT2C472MSE
LNT2C682MSE
LNT2C103MSE
LNT2C153MSE
LNT2C223MSE
LNT2C333MSE
LNT2C473MSE
LNT2C683MSE
160V (2C)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
47000
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
76.2
× 140
90
× 140
90
× 220
90
× 250
1.7
2.3
2.9
3.9
5.1
7.0
8.2
10.4
15.1
16.6
19.9
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.25
0.25
0.25
1.34
1.64
1.99
2.43
2.90
3.49
4.24
5.00
5.00
5.00
5.00
LNT2D102MSE
LNT2D152MSE
LNT2D222MSE
LNT2D332MSE
LNT2D472MSE
LNT2D682MSE
LNT2D103MSE
LNT2D153MSE
LNT2D223MSE
LNT2D333MSE
LNT2D473MSE
200V (2D)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
680
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
1.4
1.9
2.4
3.2
4.3
5.9
7.1
9.6
12.7
15.4
17.0
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.25
0.25
0.25
0.25
1.23
1.50
1.83
2.22
2.72
3.25
3.91
4.74
5.00
5.00
5.00
LNT2E681MSE
LNT2E102MSE
LNT2E152MSE
LNT2E222MSE
LNT2E332MSE
LNT2E472MSE
LNT2E682MSE
LNT2E103MSE
LNT2E153MSE
LNT2E223MSE
LNT2E333MSE
250V (2E)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
330
470
680
1000
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22000
35
× 80
35
× 80
51
× 80
51
× 80
51
× 100
51
× 120
63.5
× 100
63.5
× 110
63.5
× 130
63.5
× 150
76.2
× 120
63.5
× 170
76.2
× 130
76.2
× 150
76.2
× 170
90
× 150
90
× 150
90
× 190
90
× 220
100
× 250
2.1
2.8
4.1
6.5
8.6
11.0
12.7
14.4
16.8
19.8
19.7
22.7
22.2
26.2
30.3
29.3
32.4
36.0
42.9
48.0
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
1.01
1.21
1.46
1.77
2.17
2.63
2.91
3.22
3.50
3.84
3.84
4.20
4.20
4.62
5.00
5.00
5.00
5.00
5.00
5.00
LNT2V331MSEC
LNT2V471MSEC
LNT2V681MSEF
LNT2V102MSEF
LNT2V152MSEF
LNT2V222MSEF
LNT2V272MSEG
LNT2V332MSEG
LNT2V392MSEG
LNT2V472MSEG
LNT2V472MSEH
LNT2V562MSEG
LNT2V562MSEH
LNT2V682MSEH
LNT2V822MSEH
LNT2V822MSEJ
LNT2V103MSEJ
LNT2V123MSEJ
LNT2V153MSEJ
LNT2V223MSEK
350V (2V)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Dimensions
CAT.8100C


Similar Part No. - LNT2D153MSE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT2D154SEG NICHICON-LNT2D154SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2D155SEG NICHICON-LNT2D155SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT2D153MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com