Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2N6427 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H2N6427
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H2N6427 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H2N6427 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H2N6427 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H2N6427 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6274-B
Issued Date : 1994.11.18
Revised Date : 2000.09.15
Page No. : 1/3
HSMC Product Specification
H2N6427
NPN EPITAXIAL PLANAR TRANSISTOR
Description
Darlington Transistor
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 40 V
VCES Collector to Emitter Voltage...................................................................................... 40 V
VEBO Emitter to Base Voltage ........................................................................................... 12 V
IC Collector Current ...................................................................................................... 500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE=0
BVCES
40
-
-
V
IC=10uA, IB=0
BVEBO
12
-
-
V
IE=10uA, IC=0
ICBO
-
-
50
nA
VCB=30V, IE=0
IEBO
-
-
50
nA
VEB=10V, IC=0
ICES
-
-
1
uA
VCE=25V, VBE=0
*VCE(sat)1
-
0.71
1.2
V
IC=50mA, IB=0.5mA
*VCE(sat)2
-
0.9
1.5
V
IC=500mA, IB=0.5mA
*VBE(sat)
-
1.52
2.0
V
IC=500mA, IB=0.5mA,
VBE(on)
-
1.24
1.75
V
VCE=5V, IC=50mA
*hFE1
10
-
100
K
VCE=5V, IC=10mA
*hFE2
20
-
200
K
VCE=5V, IC=100mA
*hFE3
14
-
140
K
VCE=5V, IC=500mA
Cob
-
5.4
7
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - H2N6427

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N6426 HSMC-H2N6426 Datasheet
35Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - H2N6427

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com