Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNT2E153MSE Datasheet(PDF) 3 Page - Nichicon corporation

Part # LNT2E153MSE
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT2E153MSE Datasheet(HTML) 3 Page - Nichicon corporation

  LNT2E153MSE Datasheet HTML 1Page - Nichicon corporation LNT2E153MSE Datasheet HTML 2Page - Nichicon corporation LNT2E153MSE Datasheet HTML 3Page - Nichicon corporation LNT2E153MSE Datasheet HTML 4Page - Nichicon corporation LNT2E153MSE Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
NT
series
Dimensions
22000
33000
47000
68000
100000
150000
220000
330000
470000
680000
1000000
35
× 80
35
× 100
51
× 80
51
× 120
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 220
4.9
6.2
8.3
10.2
11.5
13.8
17.0
20.8
22.4
24.2
26.4
0.40
0.40
0.50
0.50
0.65
0.70
0.90
1.50
1.50
1.50
1.50
2.22
2.72
3.25
3.91
4.74
5.00
5.00
5.00
5.00
5.00
5.00
LNT1E223MSE
LNT1E333MSE
LNT1E473MSE
LNT1E683MSE
LNT1E104MSE
LNT1E154MSE
LNT1E224MSE
LNT1E334MSE
LNT1E474MSE
LNT1E684MSE
LNT1E105MSE
25V (1E)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
470000
680000
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
4.7
5.1
5.6
7.4
8.4
12.3
13.6
15.1
17.4
21.3
25.4
27.5
0.30
0.30
0.30
0.40
0.40
0.40
0.50
0.70
1.00
1.00
1.00
1.00
1.77
2.17
2.63
3.22
3.84
4.62
5.00
5.00
5.00
5.00
5.00
5.00
LNT1V103MSE
LNT1V153MSE
LNT1V223MSE
LNT1V333MSE
LNT1V473MSE
LNT1V683MSE
LNT1V104MSE
LNT1V154MSE
LNT1V224MSE
LNT1V334MSE
LNT1V474MSE
LNT1V684MSE
35V (1V)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
470000
35
× 80
35
× 100
51
× 80
51
× 120
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
4.9
5.5
6.3
8.0
9.9
12.8
16.8
19.5
22.0
24.3
26.1
0.25
0.25
0.25
0.30
0.35
0.35
0.55
0.75
0.75
0.75
0.75
2.12
2.59
3.14
3.85
4.59
5.00
5.00
5.00
5.00
5.00
5.00
LNT1H103MSE
LNT1H153MSE
LNT1H223MSE
LNT1H333MSE
LNT1H473MSE
LNT1H683MSE
LNT1H104MSE
LNT1H154MSE
LNT1H224MSE
LNT1H334MSE
LNT1H474MSE
50V (1H)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
35
× 100
51
× 80
51
× 100
63.5
× 100
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
5.0
5.9
6.9
9.4
11.2
13.5
17.8
21.0
23.7
26.1
0.25
0.25
0.25
0.30
0.30
0.50
0.60
0.60
0.60
0.60
2.38
2.91
3.53
4.32
5.00
5.00
5.00
5.00
5.00
5.00
LNT1J103MSE
LNT1J153MSE
LNT1J223MSE
LNT1J333MSE
LNT1J473MSE
LNT1J683MSE
LNT1J104MSE
LNT1J154MSE
LNT1J224MSE
LNT1J334MSE
63V (1J)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
4700
6800
10000
15000
22000
33000
47000
68000
100000
150000
220000
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
76.2
× 100
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
3.5
3.9
5.4
6.4
8.4
9.9
13.4
17.0
18.6
21.6
24.8
0.20
0.20
0.20
0.20
0.25
0.30
0.35
0.40
0.40
0.40
0.40
1.83
2.21
2.68
3.28
3.97
4.87
5.00
5.00
5.00
5.00
5.00
LNT1K472MSE
LNT1K682MSE
LNT1K103MSE
LNT1K153MSE
LNT1K223MSE
LNT1K333MSE
LNT1K473MSE
LNT1K683MSE
LNT1K104MSE
LNT1K154MSE
LNT1K224MSE
80V (1K)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
100000
150000
35
× 80
35
× 80
35
× 100
51
× 80
51
× 100
63.5
× 100
76.2
× 100
76.2
× 140
90
× 140
90
× 170
90
× 220
100
× 220
2.4
3.3
3.8
5.2
6.7
7.8
9.9
12.7
17.0
18.2
20.6
23.4
0.12
0.12
0.12
0.15
0.15
0.20
0.30
0.30
0.30
0.30
0.30
0.30
1.40
1.72
2.05
2.47
3.00
3.67
4.44
5.00
5.00
5.00
5.00
5.00
LNT2A222MSE
LNT2A332MSE
LNT2A472MSE
LNT2A682MSE
LNT2A103MSE
LNT2A153MSE
LNT2A223MSE
LNT2A333MSE
LNT2A473MSE
LNT2A683MSE
LNT2A104MSE
LNT2A154MSE
100V (2A)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 105°C 120Hz
CAT.8100C


Similar Part No. - LNT2E153MSE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT2E154SEG NICHICON-LNT2E154SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2E155SEG NICHICON-LNT2E155SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT2E153MSE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com