Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNT2V562MSEH Datasheet(PDF) 2 Page - Nichicon corporation

Part # LNT2V562MSEH
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LNT2V562MSEH Datasheet(HTML) 2 Page - Nichicon corporation

  LNT2V562MSEH Datasheet HTML 1Page - Nichicon corporation LNT2V562MSEH Datasheet HTML 2Page - Nichicon corporation LNT2V562MSEH Datasheet HTML 3Page - Nichicon corporation LNT2V562MSEH Datasheet HTML 4Page - Nichicon corporation LNT2V562MSEH Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P
7
Pressure relief vent
Pressure relief vent
A±2
120
°
30
°
Sleeve
Bottom plate
Hexagenal headed bolt
P±2
B
T
U
L+ MAX.
H±1
±1
h
U
S
Screw terminal type for
φ 51 and larger
Dimension of terminal pitch (W) and length (R) and Nominal dia.of bolt
Dimensions of mounting bracket
(mm)
(mm)
P
A
T
S
U
°
H
h
φD
51.5
63.5
76.2
90.5
100.50
W
22.0
28.6
31.8
31.8
41.5
R
6
6
6
6
10
α
3
3
3
3
4
Nominal.of bolt
M5
M5
M5
M5
M8
51
32.5
38.5
7.5
5.0
12
60
20
15
63.5
38.1
43
8.0
5.0
14
60
25
20
76.2
44.5
49.2
7.0
5.0
14
60
30
24
90
50.8
58.5
8.0
5.0
18
60
35
25
100
56.3
62
8.0
5.0
16
60
36
30
51
33.2
40
6.0
4.5
14
30
25
15
63.5
40.5
46.5
7.0
4.5
14
30
35
20
76.2
46.5
53
6.0
4.5
14
30
35
20
90
53
59
6.0
4.5
14
30
35
20
3-Legs
2-Legs
Symbol
φD
Leg Shape
NT
series
ALUMINUM ELECTROLYTIC CAPACITORS
B
3-leg brackets for
φ90 capacitors have different
hole shapes from the ordinary ones as illustrated
below.
P
7
33000
47000
68000
100000
150000
220000
330000
470000
680000
1000000
1500000
35
× 80
35
× 100
51
× 80
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 220
4.8
6.2
6.8
8.6
10.8
13.2
15.8
17.0
18.4
20.1
22.1
0.65
0.65
0.80
0.80
0.85
1.20
2.00
2.40
2.40
2.40
2.40
1.72
2.05
2.47
3.00
3.67
4.44
5.00
5.00
5.00
5.00
5.00
LNT1A333MSE
LNT1A473MSE
LNT1A683MSE
LNT1A104MSE
LNT1A154MSE
LNT1A224MSE
LNT1A334MSE
LNT1A474MSE
LNT1A684MSE
LNT1A105MSE
LNT1A155MSE
10V (1A)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
33000
47000
68000
100000
150000
220000
330000
470000
680000
1000000
1500000
35
× 80
35
× 100
51
× 80
51
× 100
51
× 120
63.5
× 120
76.2
× 120
90
× 140
90
× 170
90
× 220
100
× 250
5.2
6.8
7.1
9.6
11.0
14.1
20.6
22.1
24.0
26.1
28.8
0.45
0.45
0.60
0.60
0.60
0.80
1.20
2.00
2.00
2.00
2.00
2.17
2.60
3.12
3.79
4.64
5.00
5.00
5.00
5.00
5.00
5.00
LNT1C333MSE
LNT1C473MSE
LNT1C683MSE
LNT1C104MSE
LNT1C154MSE
LNT1C224MSE
LNT1C334MSE
LNT1C474MSE
LNT1C684MSE
LNT1C105MSE
LNT1C155MSE
16V (1C)
Rated ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Dimensions
Rated ripple current (Arms) at 105°C 120Hz
CAT.8100C


Similar Part No. - LNT2V562MSEH

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT2A104SEG NICHICON-LNT2A104SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2A105SEG NICHICON-LNT2A105SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2A154SEG NICHICON-LNT2A154SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2A155SEG NICHICON-LNT2A155SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
LNT2A224SEG NICHICON-LNT2A224SEG Datasheet
205Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LNT2V562MSEH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com