Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURF1560CT Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MURF1560CT
Description  ULTRAFAST PLASTIC RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MURF1560CT Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MURF1560CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MURF1560CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MURF1560CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MURF1560CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MURF1560CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0351, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MURF1560CT
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 7.5A, Pulse, TJ = 25°C
1.7
V
Max. Forward Voltage Drop*
(per leg)
VF2
@ 7.5A, Pulse, TJ = 100°C
1.5
V
IR1
@VR = rated VR
TJ = 25°C
5
μA
Max. Reverse Current*
IR2
@VR = rated VR
TJ = 100°C
50
μA
Max. Reverse Recovery Time
trr
IF=500mA, IR=1A,and Irm=250mA
50
ns
Clip mouting, the epoxy body away
from the heatsink edge by more than
0.110”along the lead direction.
4500
Clip mouting, the epoxy body is
inside the heatsink
3500
RSM Isolation Voltage
(t=1.0 second,R.H.<
=30%,
TA =25°C)
V1so
Screw mounting, the epoxy body is
inside the heatsink
1500
V
* Pulse width < 300 µs, duty cycle < 2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
RθJC
DC operation
2.0
°C/W
Approximate Weight
wt
-
2
g
Case Style
ITO-220AB


Similar Part No. - MURF1560CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MURF1560 SMC-MURF1560 Datasheet
168Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
Inchange Semiconductor ...
MURF1560 ISC-MURF1560 Datasheet
260Kb / 2P
   Ultrafast Rectifier
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Thinki Semiconductor Co...
MURF1560G THINKISEMI-MURF1560G Datasheet
507Kb / 2P
   15.0 Ampere Glass Passivated Chip Ultrafast Recovery Rectifier Diode
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
More results

Similar Description - MURF1560CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com