Electronic Components Datasheet Search |
|
B41789K5138Q001 Datasheet(PDF) 2 Page - TDK Electronics |
|
B41789K5138Q001 Datasheet(HTML) 2 Page - TDK Electronics |
2 / 19 page Applications Automotive electronics Features High vibration stability, special design with high vibration stability up to 45 g available upon request Very high ripple current capability Long useful life, 2000 h at up to 150 °C Low ESR also at 63 V DC Storage for up to 15 years at a temperature of up to 35 °C. If the capacitor is stored for longer than two years, the operating voltage must be applied for one hour to ensure the specified leakage current. RoHS-compatible Construction Charge/discharge-proof, polar Aluminum case with insulating sleeve Negative pole connected to case Terminals Axial leads, welded to ensure perfect electrical contact Soldering star for upright mounting on PCB available Alternative axial-lead design with double-sided plates for horizontal mounting available upon request Taping and packing Axial-lead capacitors will be delivered in pallet package Capacitors with d × l ≤ 16 × 30 mm are also available taped on reel Soldering star capacitors are packed in cardboard Axial-lead and soldering star capacitors B41689, B41789 Very high ripple current up to 150 °C Page 2 of 19 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B41789K5138Q001 |
|
Similar Description - B41789K5138Q001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |