Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7122AL-1C-E4 Datasheet(PDF) 1 Page - NEC

Part # PS7122AL-1C-E4
Description  8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7122AL-1C-E4 Datasheet(HTML) 1 Page - NEC

  PS7122AL-1C-E4 Datasheet HTML 1Page - NEC PS7122AL-1C-E4 Datasheet HTML 2Page - NEC PS7122AL-1C-E4 Datasheet HTML 3Page - NEC PS7122AL-1C-E4 Datasheet HTML 4Page - NEC PS7122AL-1C-E4 Datasheet HTML 5Page - NEC PS7122AL-1C-E4 Datasheet HTML 6Page - NEC PS7122AL-1C-E4 Datasheet HTML 7Page - NEC PS7122AL-1C-E4 Datasheet HTML 8Page - NEC PS7122AL-1C-E4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1997, 1999
8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE
2-ch Optical Coupled MOS FET
Document No. P13383EJ4V0DS00 (4th edition)
Date Published October 1999 NS CP(K)
Printed in Japan
The mark
• shows major revised points.
Solid State Relay
OCMOS FET
PS7122A-1C,PS7122AL-1C
DESCRIPTION
The PS7122A-1C and PS7122AL-1C are transfer type solid state relays containing normally open (N.O.) contact
and normally close (N.C.) contact on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7122AL-1C has a surface mount type lead.
FEATURES
• 2 channel type (1 a + 1 b output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (8-pin DIP)
• Low offset voltage
• PS7122AL-1C: Surface mount type
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment


Similar Part No. - PS7122AL-1C-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7122AL-1C-E4 CEL-PS7122AL-1C-E4 Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
PS7122AL-1C-E4-A CEL-PS7122AL-1C-E4-A Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
More results

Similar Description - PS7122AL-1C-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com