Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39536-0015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39536-0015
Description  5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39536-0015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39536-0015 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39536-0015
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Eurostyle™ Horizontal PCB Header, with Threaded Retention Inserts, 15
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39536
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350508971
Physical
Circuits (Loaded)
15
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
PC Tail Length
5.08mm
PCB Thickness - Recommended
3.20mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +140°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39536-002
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39536Series
Mates With
Most 5.08mm (.200") Pitch Industry
Standard Plugs, 39534 Horizontal Plug with
Retention Screws, 39537 Vertical Plug with
Retention Screws
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39536-0015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39536-0010 MOLEX11-39536-0010 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0011 MOLEX11-39536-0011 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0012 MOLEX11-39536-0012 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0013 MOLEX11-39536-0013 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0014 MOLEX11-39536-0014 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
More results

Similar Description - 39536-0015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39536-0013 MOLEX11-39536-0013 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0018 MOLEX11-39536-0018 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0024 MOLEX11-39536-0024 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39535-4004 MOLEX11-39535-4004 Datasheet
38Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39535-4005 MOLEX11-39535-4005 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0002 MOLEX11-39536-0002 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39535-0019 MOLEX11-39535-0019 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39535-0007 MOLEX11-39535-0007 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0009 MOLEX11-39536-0009 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0017 MOLEX11-39536-0017 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39536-0019 MOLEX11-39536-0019 Datasheet
37Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com