Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T112059 Datasheet(PDF) 1 Page - E-SWITCH

Part # T112059
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T112059 Datasheet(HTML) 1 Page - E-SWITCH

  T112059 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP2T2B4M6RE
2:1
4/6/2007
T112059
B
TN
1
1
A
17106
RELEASED FOR PRODUCTION
3/16/07
TN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING:0.4VA @ 20VAC OR VDC MAX.
6. ELECTRIC LIFE: 40,000 make-and-break cycles.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. PACKAGE: TRAY/ 108 PIECES PER.
12. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 1
POS. 1
SWITCH FUNCTION
NONE
ON
(ON)
2-3
OPEN
2-1
2
13
CIRCUI: SPDT
1
2
3
3
(ON) = MOMENTARY
4.70
[.185 in]
12.70
[.500 in]
5.08
[.200 in]
n1.85
[.073 in]
P.C. MOUNTING
25
~
POS. 1
POS. 3
KEYWAY
E SWITCH MARKING
OPPOSITE SIDE
EPOXY SEAL
12.70
[.500 in]
6.86
[.270 in]
.76
[.030 in]
2.69
[.106 in]
3.17
[.125 in]
.76
[.030 in]
4.70
[.185 in]
5.08
[.200 in]
6.22
[.245 in]
Ø
2.67
[.105 in]
n
12.70
[.500 in]
1.27
[.050 in]
7.31
[.288 in]
6.46
[.254 in]
.51
[.020 in]
B
17167
FIXED CONTACT MATERIAL
4/6/07
TN


Similar Part No. - T112059

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T112054 E-SWITCH-T112054 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T112055 E-SWITCH-T112055 Datasheet
208Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T112056 E-SWITCH-T112056 Datasheet
180Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T112057 E-SWITCH-T112057 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T112058 E-SWITCH-T112058 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T112059

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com