Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41895 Datasheet(PDF) 3 Page - TDK Electronics

Part # B41895
Description  Aluminum electrolytic capacitors Single-ended capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41895 Datasheet(HTML) 3 Page - TDK Electronics

  B41895 Datasheet HTML 1Page - TDK Electronics B41895 Datasheet HTML 2Page - TDK Electronics B41895 Datasheet HTML 3Page - TDK Electronics B41895 Datasheet HTML 4Page - TDK Electronics B41895 Datasheet HTML 5Page - TDK Electronics B41895 Datasheet HTML 6Page - TDK Electronics B41895 Datasheet HTML 7Page - TDK Electronics B41895 Datasheet HTML 8Page - TDK Electronics B41895 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
25 ... 75 V DC
Surge voltage VS
1.15
VR
1.1
VR for 63 ... 75 V DC
Rated capacitance CR
330 ... 6800 µF
Capacitance tolerance
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
25
35
50
63
75
tan
δ (max.)
0.14
0.12
0.10
0.10
0.08
Leakage current Ileak
(20
°C, 5 min)
or 3 µA, whichever is greater
Self-inductance ESL
Diameter (mm)
12.5
16
18
ESL (nH)
20
26
34
Useful life1)
125
°C; V
R; IAC,R
> 3000 h for l
≤ 25 mm
> 5000 h for l > 25 mm
Requirements
∆C/C
≤ 30% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
125
°C, V
R
3000 h for l
≤ 25 mm
5000 h for l > 25 mm
Post test requirements
∆C/C
≤ 25% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test To IEC 60068-2-6, test Fc:
Frequency range 10 Hz … 2 kHz, displacement amplitude max.
1.5 mm, acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1: 40/125/56 ( 40
°C/+125 °C/56 days damp heat test)
Sectional specification
IEC 60384-4, AEC-Q200
B41895
Low ESR, compact
125
°C
Page 3 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41895

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41895A0128M TDK-B41895A0128M Datasheet
510Kb / 29P
   Single-ended capacitors
B41895A0128M000 TDK-B41895A0128M000 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895A0128M001 TDK-B41895A0128M001 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895A0128M002 TDK-B41895A0128M002 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895A0128M003 TDK-B41895A0128M003 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41895

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
   Aluminum electrolytic capacitors Single-ended capacitors
B41896 TDK-B41896 Datasheet
493Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
B41890 TDK-B41890 Datasheet
498Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com