Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41896 Datasheet(PDF) 7 Page - TDK Electronics

Part # B41896
Description  Aluminum electrolytic capacitors Single-ended capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41896 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B41896 Datasheet HTML 3Page - TDK Electronics B41896 Datasheet HTML 4Page - TDK Electronics B41896 Datasheet HTML 5Page - TDK Electronics B41896 Datasheet HTML 6Page - TDK Electronics B41896 Datasheet HTML 7Page - TDK Electronics B41896 Datasheet HTML 8Page - TDK Electronics B41896 Datasheet HTML 9Page - TDK Electronics B41896 Datasheet HTML 10Page - TDK Electronics B41896 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for d
× l = 10 × 20 ... 12.5 × 25 mm and ∅ 16 ... 18 mm)
002 = for cut leads, bulk (for d
× l = 10 × 20 ... 12.5 × 25 mm and ∅ 16 ... 18 mm)
003 = for crimped leads, blister (for
∅ 16 ... 18 mm)
004 = for J leads, blister (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/40 and 18 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 10 × 20 ... 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for d
× l = 16 × 20 ... 16 × 31.5 mm and
18
× 20 ... 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 35 V DC
270
10
× 20
0.592
0.074
0.062
1205
B41896C7277M***
330
10
× 20
0.592
0.074
0.062
1205
B41896C7337M***
390
12.5
× 20
0.484
0.061
0.055
1820
B41896C7397M***
470
12.5
× 20
0.484
0.061
0.055
1820
B41896C7477M***
560
12.5
× 25
0.285
0.041
0.038
2280
B41896C7567M***
680
12.5
× 25
0.285
0.041
0.038
2280
B41896C7687M***
820
16
× 20
0.299
0.037
0.034
2280
B41896C7827M***
1000
12.5
× 40
0.181
0.023
0.021
3340
B41896C7108M***
1000
16
× 25
0.238
0.030
0.026
2860
B41896D7108M***
1000
18
× 20
0.273
0.034
0.031
2490
B41896E7108M***
1200
16
× 25
0.238
0.030
0.026
2860
B41896C7128M***
1200
18
× 20
0.273
0.034
0.031
2490
B41896D7128M***
1500
16
× 31.5
0.185
0.023
0.022
3160
B41896C7158M***
1500
18
× 25
0.232
0.029
0.025
3010
B41896D7158M***
1800
16
× 31.5
0.185
0.023
0.022
3160
B41896C7188M***
2000
16
× 35.5
0.180
0.022
0.020
3467
B41896C7208M***
2000
18
× 31.5
0.176
0.022
0.021
3500
B41896D7208M***
2200
18
× 35
0.178
0.022
0.019
3840
B41896C7228M***
2700
18
× 40
0.150
0.019
0.016
4230
B41896C7278M***
B41896
Up to 135
°C
Page 7 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896 EPCOS-B41896 Datasheet
566Kb / 30P
   Single-ended capacitors
B41896C3108M EPCOS-B41896C3108M Datasheet
620Kb / 35P
   Aluminum electrolytic capacitors
B41896C3108M000 EPCOS-B41896C3108M000 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896C3108M000 EPCOS-B41896C3108M000 Datasheet
566Kb / 30P
   Single-ended capacitors
More results

Similar Description - B41896

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
B41890 TDK-B41890 Datasheet
498Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
B41895 TDK-B41895 Datasheet
504Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com