Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41896 Datasheet(PDF) 11 Page - TDK Electronics

Part # B41896
Description  Aluminum electrolytic capacitors Single-ended capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41896 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B41896 Datasheet HTML 7Page - TDK Electronics B41896 Datasheet HTML 8Page - TDK Electronics B41896 Datasheet HTML 9Page - TDK Electronics B41896 Datasheet HTML 10Page - TDK Electronics B41896 Datasheet HTML 11Page - TDK Electronics B41896 Datasheet HTML 12Page - TDK Electronics B41896 Datasheet HTML 13Page - TDK Electronics B41896 Datasheet HTML 14Page - TDK Electronics B41896 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Taping, packing and lead configurations
Taping
Single-ended capacitors are available taped in Ammo pack from diameter 8 to 18 mm as follows:
Lead spacing F = 3.5 mm (
∅ d = 8 mm)
Lead spacing F = 5.0 mm (
∅ d = 8 … 12.5 mm)
Lead spacing F = 7.5 mm (
∅ d = 16 ... 18 mm).
The dimensions for F, P1 and 1 max. are specified with reference to the center of the terminal
wires.
Lead spacing 3.5 mm (
∅ d = 8 mm)
Last 3 digits of ordering code: 006
Dimensions in mm
∅ d
F
H
W
W0
W1
W2
P
P0
P1
I1
t
∆h
D0
8
3.5
18.5
18.0
9.5
9.0
3.0
12.7
12.7
4.6
1.0
0.7
1.0
4.0
Toler-
ance
+0.8
0.2
±1.0 ±0.5 min. ±0.5 max. ±1.0 ±0.3 ±0.6 max. ±0.2 max. ±0.2
Leads can also run straight through the taping area.
B41896
Up to 135
°C
Page 11 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896 EPCOS-B41896 Datasheet
566Kb / 30P
   Single-ended capacitors
B41896C3108M EPCOS-B41896C3108M Datasheet
620Kb / 35P
   Aluminum electrolytic capacitors
B41896C3108M000 EPCOS-B41896C3108M000 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896C3108M000 EPCOS-B41896C3108M000 Datasheet
566Kb / 30P
   Single-ended capacitors
More results

Similar Description - B41896

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
B41890 TDK-B41890 Datasheet
498Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
B41895 TDK-B41895 Datasheet
504Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com