Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42824 Datasheet(PDF) 5 Page - TDK Electronics

Part # B42824
Description  Aluminum electrolytic capacitors Single-ended capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B42824 Datasheet(HTML) 5 Page - TDK Electronics

  B42824 Datasheet HTML 1Page - TDK Electronics B42824 Datasheet HTML 2Page - TDK Electronics B42824 Datasheet HTML 3Page - TDK Electronics B42824 Datasheet HTML 4Page - TDK Electronics B42824 Datasheet HTML 5Page - TDK Electronics B42824 Datasheet HTML 6Page - TDK Electronics B42824 Datasheet HTML 7Page - TDK Electronics B42824 Datasheet HTML 8Page - TDK Electronics B42824 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Lead spacing 5.0 mm (
∅ d = 8 mm)
Last 3 digits of ordering code: 008
Lead spacing 5.0 mm (
∅ d = 10 ... 12.5 mm)
Last 3 digits of ordering code: 008
Dimensions in mm
∅ d
F
H
W
W0
W1
W2
H0
P
P0
P1
I1
t
∆h
D0
8
20.0
9.5
16.0
12.7
12.7
3.85
10
5.0
19.0
18.0 9.5
9.0
1.5
12.7
12.7
3.85
1.0
0.6
1.0
4.0
12.5
19.0
11.5
15.0
15.0
5.0
Toler-
ance
+0.8
0.2
±0.75 ±0.5 min. ±0.5 max. ±0.5 ±1.0 ±0.2 ±0.5 max.
+0.3
0.2
max.
±0.2
Taping is available up to dimensions d
× l = 12.5 × 25 mm.
B42824, B42851
Bipolar series
85
°C and 105°C
Page 5 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B42824

ManufacturerPart #DatasheetDescription
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B42822A3108M00 EPCOS-B42822A3108M00 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B42822A3226M00 EPCOS-B42822A3226M00 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B42822A3227M00 EPCOS-B42822A3227M00 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B42822A3336M00 EPCOS-B42822A3336M00 Datasheet
105Kb / 9P
   Single-Ended Capacitors
More results

Similar Description - B42824

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
   Aluminum electrolytic capacitors Single-ended capacitors
B41896 TDK-B41896 Datasheet
493Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
B41890 TDK-B41890 Datasheet
498Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
B41895 TDK-B41895 Datasheet
504Kb / 29P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com