Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7113L-2A-E3 Datasheet(PDF) 4 Page - NEC

Part # PS7113L-2A-E3
Description  6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7113L-2A-E3 Datasheet(HTML) 4 Page - NEC

  PS7113L-2A-E3 Datasheet HTML 1Page - NEC PS7113L-2A-E3 Datasheet HTML 2Page - NEC PS7113L-2A-E3 Datasheet HTML 3Page - NEC PS7113L-2A-E3 Datasheet HTML 4Page - NEC PS7113L-2A-E3 Datasheet HTML 5Page - NEC PS7113L-2A-E3 Datasheet HTML 6Page - NEC PS7113L-2A-E3 Datasheet HTML 7Page - NEC PS7113L-2A-E3 Datasheet HTML 8Page - NEC PS7113L-2A-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P11553EJ6V0DS00
4
PS7113-1A,-2A,PS7113L-1A,-2A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS7113-1A,
PS7113L-1A
PS7113-2A,
PS7113L-2A
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW/ch
Peak Forward Current
*1
IFP
1A
MOS FET
Break Down Voltage
VL
100
V
Continuous
Connection A
IL
350
mA
Load Current
*2
Connection B
450
Connection C
700
Pulse Load Current
*3
(AC/DC Connection)
ILP
600
mA
Power Dissipation
PD
560
375
mW/ch
Isolation Voltage
*4
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
610
850
mW
Operating Ambient Temperature
TA
−40 to +80
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 Conditions: IF
≥ 2 mA. The following types of load connections are available.
Connection A
VL (AC/DC)
1
6
25
4
3
IL
L
Connection B
Connection C
1
6
2
5
4
3
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
L
VL (DC)
+
IL + IL
*3 PW = 100 ms, 1 shot
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output


Similar Part No. - PS7113L-2A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7113L-2A-E3 CEL-PS7113L-2A-E3 Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113L-2A-E3 RENESAS-PS7113L-2A-E3 Datasheet
234Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT
PS7113L-2A-E3 RENESAS-PS7113L-2A-E3 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113L-2A-E3-A CEL-PS7113L-2A-E3-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7113L-2A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7113-1A RENESAS-PS7113-1A_15 Datasheet
241Kb / 16P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7113-1A CEL-PS7113-1A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7113L-2A-A CEL-PS7113L-2A-A Datasheet
209Kb / 14P
   6, 8-PIN DIP, 100 V BREAK DOWN VOLTAGE 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7522-1A NEC-PS7522-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141C-2A NEC-PS7141C-2A Datasheet
71Kb / 12P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141C-2A RENESAS-PS7141C-2A Datasheet
259Kb / 15P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS710A-1A NEC-PS710A-1A Datasheet
76Kb / 7P
   6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com