Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

782XDX3M4L-24A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 782XDX3M4L-24A
Description  700 SERIES ICE CUBE POWER RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

782XDX3M4L-24A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  782XDX3M4L-24A Datasheet HTML 1Page - List of Unclassifed Manufacturers 782XDX3M4L-24A Datasheet HTML 2Page - List of Unclassifed Manufacturers 782XDX3M4L-24A Datasheet HTML 3Page - List of Unclassifed Manufacturers 782XDX3M4L-24A Datasheet HTML 4Page - List of Unclassifed Manufacturers 782XDX3M4L-24A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OUTLINE DIMENSIONS
DIMENSIONS SHOWN IN INCHES & (MILLIMETERS).
782/78 - 2 POLE “ICE CUBE” POWER RELAYS
782XBXM4L-24A
782XBXM4L-120A
782XBXM4L-220/230A
782XBXM4L-240A
782XBXM4L-12D
782XBXM4L-24D
782XBXM4L-110D
9.6 W
180 W
4,430 W
15,000 W
15,700 W
40 W
160 W
650 W
2600 W
11,000 W
180 W
4,430 W
40 W
160 W
650 W
NOMINAL
INPUT
VOLTAGE
NOMINAL
RESISTANCE
(OHMS)
NEW PART NUMBER
SUPERCEDES
NOTE: CLASS 782C IS AN ENHANCED VERSION OF THE 78, IT HAS SUPERIOR RATINGS,
A FLAG INDICATOR, & DISPLAYS BOTH PART NUMBERS.
W78ARCSX-7
W78ARCSX-9
W78ARCSX-11
W78ARCSX-12
W78RCSX-6
W78RCSX-7
W78RCSX-8
W78RCSX-9
W78RCSX-10
W78ARPCX-3
W78ARPCX-6
W78RPCX-1
W78RPCX-2
W78RPCX-3
782XBXC-6A
782XBXC-24A
782XBXC-120A
782XBXC-240A
782XBXC-6D
782XBXC-12D
782XBXC-24D
782XBXC-48D
782XBXC-110D
782XBXCT-24A
782XBXCT-120A
782XBXCT-6D
782XBXCT-12D
782XBXCT-24D
STANDARD PART NUMBERS
FULL
FEATURED
PLAIN COVER
WITH FLAG
SOLDER/PLUG -IN, 15 AMP
PRINTED CIRCUIT, 15 AMP
DPDT, 15 AMPS
WIRING DIAGRAM
(VIEWED FROM PIN END)
1
4
5
8
9
13
14
12
(42)
(44)
(41)
(A2)
(12)
(11)
(A1)
(14)
(14)
ALTERNATE NEMA
OR IEC ( ) NUMBERS
VIEWED FROM
PIN SIDE
COIL MEASURED
@ 25ºC
QUICK CONNECT
SOLDER / PLUG-IN TERMINALS
Orange Flag
Indicator
1.54 MAX.
(39.1)
0.83 MAX.
(21.0)
1.10 MAX.
(27.9)
PRINTED CIRCUIT
TERMINALS
1.40 MAX.
(35.5)
Class 782
Plain Cover With Flag
Frosted Panel
Clear
Window
Push Button &
Lock-Down Door
Orange Flag
Indicator
Plastic
I.D Tag/Write Label
Green BI-Polar
L. E. D. Status Lamp
Standard
Cover
Standard
Cover
1
6
2
5
3
4
78
PRINTED CIRCUIT
MOUNTING HOLE LAYOUT
( TOP VIEW )
0.39
(9.91)
0.28
(7.11)
0.52
(13.2)
0.70
(17.7)
0.56
(14.2)
0.10 (2.54) DIA.
8 Holes
Mating Sockets
70-782D-1, 70-459-1: SCREW/DIN
70-402-1: PRINTED CIRCUIT
70-401-1: SOLDER TERMINAL
See section 7
782
XBX
M4L -120A
CLASS:
CONTACT CONFIGURATION:
DPDT: XBX
OPTIONAL PLAIN
COVER:
CODE C
TERMINAL STYLE:
QUICK CONNECTSOLDER/
PLUG-IN TERMINALS: NO CODE
PRINTED CIRCUIT TERMINALS:
CODE T
FULL FEATURED VERSION:
PUSH BUTTON &
LOCK-DOWN DOOR: CODE M4
BI - POLAR L.E.D. STATUS LAMP: CODE L
OPTIONAL
FULL FEATURED DELETION:
PUSH BUTTON WITHOUT
LOCK-DOWN DOOR: CODE M
OPTIONAL PLAIN COVER FEATURES:
PUSH BUTTON WITHOUT
LOCK-DOWN DOOR: CODE M
POLARIZED L.E.D. STATUS LAMP: CODE L
(OBSERVE POLARITY )
COIL VOLTAGE:
6, 12, 24, 120, 220/230, 240 ADD “A” FOR AC COILS
6, 12, 24 ,48, 110 ADD “D” FOR DC COILS
ORDERING CODE
ORDERING CODE
6 VAC, 50/60Hz
24 VAC, 50/60Hz
110/120 VAC, 50/60Hz
220/230 VAC, 50/60Hz
240 VAC, 50/60Hz
6 VDC
12 VDC
24 VDC
48 VDC
110/125 VDC
24 VAC, 50/60Hz
110/120 VAC, 50/60Hz
6 VDC
12 VDC
24 VDC
1.06
(26.9)
1...16
9/04
PHONE: (843) 393-5778 FAX: (843) 393-4123 EMAIL: info@magnecraft.com
DUAL MARKED


Similar Part No. - 782XDX3M4L-24A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
782XDXH10-110D SCHNEIDER-782XDXH10-110D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 110VDC
782XDXH10-120A SCHNEIDER-782XDXH10-120A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 120VAC
782XDXH10-12D SCHNEIDER-782XDXH10-12D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 12VDC
782XDXH10-240A SCHNEIDER-782XDXH10-240A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 240VAC
782XDXH10-24A SCHNEIDER-782XDXH10-24A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VAC
More results

Similar Description - 782XDX3M4L-24A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
   ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 24-Mar-17
logo
OEN India Limited
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 09-May-11
logo
Tyco Electronics
710X MACOM-710X Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
logo
PREMO CORPORATION S.L
PB2016-1R7 PREMO-PB2016-1R7 Datasheet
137Kb / 1P
   POWER CUBE
logo
Motorola, Inc
MPM3003 MOTOROLA-MPM3003 Datasheet
818Kb / 12P
   ICE PAK POWER MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com