Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C32 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C32
Description  Low-Voltage and Standard-Voltage Operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C32_14 Datasheet HTML 1Page - ATMEL Corporation AT24C32_14 Datasheet HTML 2Page - ATMEL Corporation AT24C32_14 Datasheet HTML 3Page - ATMEL Corporation AT24C32_14 Datasheet HTML 4Page - ATMEL Corporation AT24C32_14 Datasheet HTML 5Page - ATMEL Corporation AT24C32_14 Datasheet HTML 6Page - ATMEL Corporation AT24C32_14 Datasheet HTML 7Page - ATMEL Corporation AT24C32_14 Datasheet HTML 8Page - ATMEL Corporation AT24C32_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
AT24C32/64
0336K–SEEPR–7/03
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address
inputs that are hard wired or left not connected for hardware compatibility with
AT24C16. When the pins are hardwired, as many as eight 32K/64K devices may be
addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section). When the pins are not hardwired, the default A2, A1, and A0
are zero.
WRITE PROTECT (WP): The write protect input, when tied to GND, allows normal write
operations. When WP is tied high to VCC, all write operations to the upper quandrant
(8/16K bits) of memory are inhibited. If left unconnected, WP is internally pulled down to
GND.
Memory Organization AT24C32/64, 32K/64K SERIAL EEPROM: The 32K/64K is internally organized as 256
pages of 32 bytes each. Random word addressing requires a 12/13 bit data word
address.


Similar Part No. - AT24C32_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32-10PC ATMEL-AT24C32-10PC Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32-10PC-1.8 ATMEL-AT24C32-10PC-1.8 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32-10PC-2.5 ATMEL-AT24C32-10PC-2.5 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32-10PC-2.7 ATMEL-AT24C32-10PC-2.7 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32-10PI ATMEL-AT24C32-10PI Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C32_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A ATMEL-AT93C66A_14 Datasheet
448Kb / 14P
   Low-voltage and Standard-voltage Operation
AT25128 ATMEL-AT25128_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT25640 ATMEL-AT25640_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C16A ATMEL-AT24C16A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25160 ATMEL-AT25160_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
AT25256 ATMEL-AT25256_14 Datasheet
438Kb / 22P
   Low-voltage and Standard-voltage Operation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
   Low-voltage and Standard-voltage Operation
AT24C01 ATMEL-AT24C01_14 Datasheet
168Kb / 14P
   Low Voltage and Standard Voltage Operation
AT24C08A ATMEL-AT24C08A_14 Datasheet
626Kb / 20P
   Low-voltage and Standard-voltage Operation
AT24C164 ATMEL-AT24C164_14 Datasheet
449Kb / 17P
   Low Voltage and Standard Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com