Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

781XAXM4L-110125D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 781XAXM4L-110125D
Description  700 SERIES ICE CUBE POWER RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

781XAXM4L-110125D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  781XAXM4L-110125D Datasheet HTML 1Page - List of Unclassifed Manufacturers 781XAXM4L-110125D Datasheet HTML 2Page - List of Unclassifed Manufacturers 781XAXM4L-110125D Datasheet HTML 3Page - List of Unclassifed Manufacturers 781XAXM4L-110125D Datasheet HTML 4Page - List of Unclassifed Manufacturers 781XAXM4L-110125D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHONE: (843) 393-5778 FAX: (843) 393-4123 EMAIL: info@magnecraft.com
DIN ADAPTER
16-781C
FLANGE ADAPTER
16-781C1
700 SERIES “ICE CUBE” POWER RELAYS
781
SPDT
15 AMPS
782
SPDT
20 AMPS
DPDT
15 AMPS
783
3PDT
15 AMPS
784
4PDT
15 AMPS
FLANGE ADAPTER
16-782C1
DIN ADAPTER
16-782C
FLANGE ADAPTER
16-783C1
DIN ADAPTER
16-783C
FLANGE ADAPTER
16-784C1
DIN ADAPTER
16-784C
UL Recognized
File No. E43641
C
US
40787
FEATURES
BENEFITS
FLAG INDICATOR:
BI - POLAR L.E.D.
STATUS LAMP:
COLOR CODED
PUSH BUTTON:
LOCK-DOWN DOOR:
FINGER - GRIP COVER:
WHITE PLASTIC
I.D. TAG/WRITE LABEL:
COVER ADAPTERS:
SHOWS RELAY STATUS IN MANUAL OR
POWERED CONDITION.
ALLOWS FOR REVERSE POLARITY APPLICATIONS,
SHOWS COIL "ON" OR "OFF" STATUS.
IDEAL IN LOW LIGHT CONDITIONS.
IDENTIFIES AC COILS WITH RED OR DC COILS WITH BLUE
PUSH BUTTONS. ALLOWS FOR MANUAL OPERATION OF
RELAY WITHOUT THE NEED FOR COIL POWER. IDEAL FOR
FIELD SERVICE PERSONNEL TO TEST CONTROL CIRCUITS.
WHEN ACTIVATED, HOLDS PUSH BUTTON
AND CONTACTS IN THE OPERATE POSITION.
EXCELLENT FOR ANALYZING CIRCUIT PROBLEMS.
ALLOWS OPERATOR TO REMOVE RELAYS FROM
SOCKETS MORE EASILY THAN
CONVENTIONAL RELAYS.
USED FOR IDENTIFICATION OF RELAYS
IN MULTI-RELAY CIRCUITS.
DIN RAIL ADAPTER OR TOP/BOTTOM FLANGE
ADAPTER, ALLOWS THE 700 RELAYS TO
BE DIRECT MOUNTED TO A DIN RAIL OR PANEL.
MANUFACTURED
UNDER
ISO 9002
& QS 9000
COMPLIES WITH REQUIREMENTS OF
IEC STANDARDS 947-4-1 AND
947-5-1 LOW VOLTAGE DIRECTIVE
IEC = INTERNATIONAL
ELECTROTECHNICAL COMMISSION
CE TESTING AND EVALUATION
PERFORMED BY THE UNDERWRITERS
LABORATORIES AS A THIRD PARTY
PARTICIPANT
*
*
*
LISTED 367G
IND. CONT. EQ.
C
US
WHEN USED WITH
SOCKETS:
781:70-781D-1
782:70-782D-1
70-459-1
70-461-1
783:70-783D-1
784:70-784D-1
CURRENT LIMITED
TO RATING OF
RELAY OR SOCKET
WHICHEVER IS LESS
OPTIONAL ADAPTERS ORDERED SEPARATELY
1...12
9/04


Similar Part No. - 781XAXM4L-110125D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
781XAXM4L-24D SCHNEIDER-781XAXM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
More results

Similar Description - 781XAXM4L-110125D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
   ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 24-Mar-17
logo
OEN India Limited
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 09-May-11
logo
Tyco Electronics
710X MACOM-710X Datasheet
83Kb / 1P
   WILMAR??Protective Relays - 700 Series
logo
PREMO CORPORATION S.L
PB2016-1R7 PREMO-PB2016-1R7 Datasheet
137Kb / 1P
   POWER CUBE
logo
Motorola, Inc
MPM3003 MOTOROLA-MPM3003 Datasheet
818Kb / 12P
   ICE PAK POWER MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com