Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV010 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27BV010
Description  Dual voltage range operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV010 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT27BV010_14 Datasheet HTML 2Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 3Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 4Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 5Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 6Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 7Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 8Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 9Page - ATMEL Corporation AT27BV010_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
0344I–EPROM–4/11
Atmel AT27BV010
Figure 5-3.
Output test load
Table 5-5.
Pin capacitance
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled, and is not 100% tested.
Figure 5-4.
Programming waveforms
(1)
Notes:
1. The input timing reference is 0.8V for V
IL and 2.0V for VIH.
2. t
OE and tDFP are characteristics of the device, but must be accommodated by the programmer.
3. When programming the Atmel AT27BV010, a 0.1µF capacitor is required across V
PP and ground to suppress spurious volt-
age transients.
f = 1MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
C
IN
4
8
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V
Note: CL = 100pF
including jig capacitance.


Similar Part No. - AT27BV010_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010-12JC ATMEL-AT27BV010-12JC Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12JI ATMEL-AT27BV010-12JI Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12TC ATMEL-AT27BV010-12TC Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-12TI ATMEL-AT27BV010-12TI Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27BV010-15JC ATMEL-AT27BV010-15JC Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
More results

Similar Description - AT27BV010_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
AT27BV256 ATMEL-AT27BV256_14 Datasheet
774Kb / 12P
   Dual voltage range operation
AT27LV256A ATMEL-AT27LV256A_14 Datasheet
767Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com