Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8563LB549-BA Datasheet(PDF) 3 Page - NEC

Part # NX8563LB549-BA
Description  CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB549-BA Datasheet(HTML) 3 Page - NEC

  NX8563LB549-BA Datasheet HTML 1Page - NEC NX8563LB549-BA Datasheet HTML 2Page - NEC NX8563LB549-BA Datasheet HTML 3Page - NEC NX8563LB549-BA Datasheet HTML 4Page - NEC NX8563LB549-BA Datasheet HTML 5Page - NEC NX8563LB549-BA Datasheet HTML 6Page - NEC NX8563LB549-BA Datasheet HTML 7Page - NEC NX8563LB549-BA Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NX8563LB Series
ORDERING INFORMATION
Part Number
ITU-T Wavelength
Frequency
Without Connector
With FC-PC Connector
With SC-PC Connector
(nm)
(THz)
NX8563LB405
NX8563LB405-BA
NX8563LB405-CA
1540.56
194.6
NX8563LB413
NX8563LB413-BA
NX8563LB413-CA
1541.35
194.5
NX8563LB421
NX8563LB421-BA
NX8563LB421-CA
1542.14
194.4
NX8563LB429
NX8563LB429-BA
NX8563LB429-CA
1542.94
194.3
NX8563LB437
NX8563LB437-BA
NX8563LB437-CA
1543.73
194.2
NX8563LB445
NX8563LB445-BA
NX8563LB445-CA
1544.53
194.1
NX8563LB453
NX8563LB453-BA
NX8563LB453-CA
1545.32
194
NX8563LB461
NX8563LB461-BA
NX8563LB461-CA
1546.12
193.9
NX8563LB469
NX8563LB469-BA
NX8563LB469-CA
1546.92
193.8
NX8563LB477
NX8563LB477-BA
NX8563LB477-CA
1547.72
193.7
NX8563LB485
NX8563LB485-BA
NX8563LB485-CA
1548.51
193.6
NX8563LB493
NX8563LB493-BA
NX8563LB493-CA
1549.32
193.5
NX8563LB501
NX8563LB501-BA
NX8563LB501-CA
1550.12
193.4
NX8563LB509
NX8563LB509-BA
NX8563LB509-CA
1550.92
193.3
NX8563LB517
NX8563LB517-BA
NX8563LB517-CA
1551.72
193.2
NX8563LB525
NX8563LB525-BA
NX8563LB525-CA
1552.52
193.1
NX8563LB533
NX8563LB533-BA
NX8563LB533-CA
1553.33
193
NX8563LB541
NX8563LB541-BA
NX8563LB541-CA
1554.13
192.9
NX8563LB549
NX8563LB549-BA
NX8563LB549-CA
1554.94
192.8
NX8563LB557
NX8563LB557-BA
NX8563LB557-CA
1555.75
192.7
NX8563LB565
NX8563LB565-BA
NX8563LB565-CA
1556.55
192.6
NX8563LB573
NX8563LB573-BA
NX8563LB573-CA
1557.36
192.5
NX8563LB581
NX8563LB581-BA
NX8563LB581-CA
1558.17
192.4
NX8563LB589
NX8563LB589-BA
NX8563LB589-CA
1558.98
192.3
NX8563LB597
NX8563LB597-BA
NX8563LB597-CA
1559.79
192.2
NX8563LB606
NX8563LB606-BA
NX8563LB606-CA
1560.61
192.1


Similar Part No. - NX8563LB549-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LB549-BA CEL-NX8563LB549-BA Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
More results

Similar Description - NX8563LB549-BA

ManufacturerPart #DatasheetDescription
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
   1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
logo
KODENSHI_AUK CORP.
KLT-255544 KODENSHI-KLT-255544 Datasheet
112Kb / 2P
   1550nm InGaAsP strained MQW DFB-LD
KLT231544 KODENSHI-KLT231544 Datasheet
116Kb / 2P
   1310nm InGaAsP strained MQW DFB-LD
logo
California Eastern Labs
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com