Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C1024 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C1024
Description  Low-power CMOS operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C1024_14 Datasheet HTML 5Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 6Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 7Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 8Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 9Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 10Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 11Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 12Page - ATMEL Corporation AT27C1024_14 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
0019N–EPROM–4/11
Atmel AT27C1024
7.
Ordering information
Green Package (Pb/halide-free)
t
ACC
(ns)
I
CC (mA)
Atmel ordering code
Package
Lead finish
Operation range
Active
Standby
45
30
0.1
AT27C1024-45JU
AT27C1024-45PU
44J
40P6
Matte tin
Matte tin
Industrial
(-40
C to 85C)
70
30
0.1
AT27C1024-70JU
AT27C1024-70PU
44J
40P6
Matte tin
Matte tin
Industrial
(-40
C to 85C)
Package type
44J
44-lead, plastic, J-leaded chip carrier (PLCC)
40P6
40-lead, 0.600" wide, plastic, dual inline package (PDIP)


Similar Part No. - AT27C1024_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-12JC ATMEL-AT27C1024-12JC Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024-12JI ATMEL-AT27C1024-12JI Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024-12PC ATMEL-AT27C1024-12PC Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024-12PI ATMEL-AT27C1024-12PI Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024-12VC ATMEL-AT27C1024-12VC Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
More results

Similar Description - AT27C1024_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_14 Datasheet
801Kb / 13P
   Low-power CMOS operation
AT27C2048 ATMEL-AT27C2048_14 Datasheet
783Kb / 12P
   Low-power CMOS operation
AT27C010 ATMEL-AT27C010_14 Datasheet
790Kb / 13P
   Low-power CMOS operation
AT27C516 ATMEL-AT27C516_14 Datasheet
354Kb / 13P
   Low Power CMOS Operation
AT27C256R ATMEL-AT27C256R_14 Datasheet
889Kb / 13P
   Low-power CMOS operation
AT27C4096 ATMEL-AT27C4096_14 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
AT27C040 ATMEL-AT27C040_14 Datasheet
548Kb / 13P
   Low-power CMOS operation
AT27C080 ATMEL-AT27C080_14 Datasheet
792Kb / 13P
   Low-power CMOS operation
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
   Low Power Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com