Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV010A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27LV010A
Description  Dual voltage range operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV010A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27LV010A_14 Datasheet HTML 3Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 4Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 5Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 6Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 7Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 8Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 9Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 10Page - ATMEL Corporation AT27LV010A_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
0548F–EPROM–4/11
Atmel AT27LV010A
Table 5-6.
DC programming characteristics
Table 5-7.
AC programming characteristics
Notes:
1. V
CC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. This parameter is only sampled, and is not 100% tested. Output float is defined as the point where data is no longer driven.
See timing diagram.
3. Program pulse width tolerance is 100
µsec5%.
Table 5-8.
The Atmel AT27LV010A integrated product identification code
(1)
Note:
1. The Atmel AT27LV010A has the same product identification code as the Atmel AT27C010. Both are programming
compatible.
T
A = 25  5°C, VCC = 6.5  0.25V, VPP = 13.0  0.25V
Symbol
Parameter
Test conditions
Limits
Units
Min
Max
I
LI
Input load current
V
IN = VIL, VIH
10
µA
V
IL
Input low level
-0.6
0.8
V
V
IH
Input high level
2.0
V
CC + 0.5
V
V
OL
Output low voltage
I
OL = 2.1mA
0.4
V
V
OH
Output high voltage
I
OH = -400µA
2.4
V
I
CC2
V
CC supply current (program and verify)
40
mA
I
PP2
V
PP supply current
CE = PGM = V
IL
20
mA
V
ID
A9 product identification voltage
11.5
12.5
V
T
A = 25  5°C, VCC = 6.5  0.25V, VPP = 13.0  0.2V
Symbol
Parameter
Test conditions
(1)
Limits
Units
Min
Max
t
AS
Address setup time
Input rise and fall times
(10% to 90%) 20ns
Input pulse levels
0.45V to 2.4V
Input timing reference level
0.8V to 2.0V
Output timing reference level
0.8V to 2.0V
2µs
t
CES
CE setup time
2
µs
t
OES
OE setup time
2
µs
t
DS
Data setup time
2
µs
t
AH
Address hold time
0
µs
t
DH
Data hold time
2
µs
t
DFP
OE high to output float delay
(2)
0
130
ns
t
VPS
V
PP setup time
2
µs
t
VCS
V
CC setup time
2
µs
t
PW
PGM program pulse width
(3)
95
105
µs
t
OE
Data valid from OE
150
ns
t
PRT
V
PP pulse rise time during programming
50
ns
Codes
Pins
Hex data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
0
0
0
0
1
1
1
1
0
1E
Device type
1
0
0
0
0
0
1
0
1
05


Similar Part No. - AT27LV010A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV010A-12 ATMEL-AT27LV010A-12 Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12JC ATMEL-AT27LV010A-12JC Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12JI ATMEL-AT27LV010A-12JI Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12TC ATMEL-AT27LV010A-12TC Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12TI ATMEL-AT27LV010A-12TI Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV010A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27BV256 ATMEL-AT27BV256_14 Datasheet
774Kb / 12P
   Dual voltage range operation
AT27LV256A ATMEL-AT27LV256A_14 Datasheet
767Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com