Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV020A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27LV020A
Description  Dual voltage range operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27LV020A_14 Datasheet HTML 1Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 2Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 3Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 4Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 5Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 6Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 7Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 8Page - ATMEL Corporation AT27LV020A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
0549H–EPROM–4/11
Atmel AT27LV020A
4.
Absolute maximum ratings*
Notes:
1. Minimum voltage is -0.6V DC, which may undershoot to -2.0V for pulses of less than 20ns. Maximum output pin voltage is
V
CC + 0.75V DC, which may be exceeded if certain precautions are observed (consult application notes), and which may
overshoot to +7.0V for pulses of less than 20ns.
5.
DC and AC characteristics
Table 5-1.
Operating modes
Notes:
1. X can be V
IL or VIH.
2. Read, output disable, and standby modes require 3.0V
 V
CC 3.6V, or 4.5V  VCC  5.5V.
3. Refer to programming characteristics. Programming modes require V
CC = 6.5V.
4. V
H = 12.0 ± 0.5V.
5. Two identifier bytes may be selected. All Ai inputs are held low (V
IL), except A9, which is set to VH, and A0, which is tog-
gled low (V
IL) to select the manufacturer’s identification byte and high (VIH) to select the device code byte.
Table 5-2.
DC and AC operating conditions for read operation
Temperature under bias . . . . . . . . . . . . . . . -40
C to +85C
*NOTICE:
Stresses beyond those listed under “Absolute
maximum ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect device reliability.
Storage temperature . . . . . . . . . . . . . . . . -65
C to +125C
Voltage on any pin with
with respect to ground . . . . . . . . . . . . . . -2.0V to +7.0V
(1)
Voltage on A9 with
respect to ground . . . . . . . . . . . . . . . . . . -2.0V to +14.0V
(1)
V
PP supply voltage with
respect to ground . . . . . . . . . . . . . . . . . . -2.0V to +14.0V
(1)
Mode/Pin
CE
OE
PGM
Ai
V
PP
V
CC
Outputs
Read
(2)
V
IL
V
IL
X
(1)
Ai
X
V
CC
D
OUT
Output disable
(2)
XV
IH
XX
X
V
CC
High Z
Standby
(2)
V
IH
XX
X
X
V
CC
High Z
Rapid program
(3)
V
IL
V
IH
V
IL
Ai
V
PP
V
CC
D
IN
PGM verify
(3)
V
IL
V
IL
V
IH
Ai
V
PP
V
CC
D
OUT
PGM inhibit
(3)
V
IH
XX
X
V
PP
V
CC
High Z
Product identification
(3)(5)
V
IL
V
IL
X
A9 = V
H
(4)
A0 = V
IH or VIL
A1 - A17 = V
IL
XV
CC
Identification code
Atmel AT27LV020A-12
Industrial operating temperature (case)
-40
C - 85C
V
CC power supply
3.0V to 3.6V
5V ± 10%


Similar Part No. - AT27LV020A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12 ATMEL-AT27LV020A-12 Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12JC ATMEL-AT27LV020A-12JC Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12JI ATMEL-AT27LV020A-12JI Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12JI ATMEL-AT27LV020A-12JI Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27LV020A-12JU ATMEL-AT27LV020A-12JU Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
AT27BV256 ATMEL-AT27BV256_14 Datasheet
774Kb / 12P
   Dual voltage range operation
AT27LV256A ATMEL-AT27LV256A_14 Datasheet
767Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com