Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV256 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28BV256
Description  Automatic Page Write Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV256 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28BV256_14 Datasheet HTML 1Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 2Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 3Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 4Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 5Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 6Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 7Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 8Page - ATMEL Corporation AT28BV256_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
0273K–PEEPR–2/09
AT28BV256
2.
Pin Configurations
2.1
32-lead PLCC – Top View
Note:
1. PLCC package pins 1 and 17 are Don’t Connect.
Pin Name
Function
A0 - A14
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
2.2
28-lead SOIC – Top View
2.3
28-lead TSOP – Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2


Similar Part No. - AT28BV256_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256-20 ATMEL-AT28BV256-20 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JI ATMEL-AT28BV256-20JI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JU ATMEL-AT28BV256-20JU Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20JU ATMEL-AT28BV256-20JU Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256-20PI ATMEL-AT28BV256-20PI Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
More results

Similar Description - AT28BV256_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256_14 Datasheet
665Kb / 25P
   Automatic Page Write Operation
AT28C010 ATMEL-AT28C010_14 Datasheet
476Kb / 17P
   Automatic Page Write Operation
AT28C040 ATMEL-AT28C040_14 Datasheet
385Kb / 15P
   Automatic Page Write Operation
AT28C64B ATMEL-AT28C64B_14 Datasheet
313Kb / 18P
   Automatic Page Write Operation
AT28C010-12DK ATMEL-AT28C010-12DK_14 Datasheet
361Kb / 19P
   Automatic Page Write Operation
AT28HC64BF ATMEL-AT28HC64BF_14 Datasheet
373Kb / 16P
   Automatic Page Write Operation
AT28HC64B ATMEL-AT28HC64B_14 Datasheet
394Kb / 17P
   Automatic Page Write Operation
AT28HC256N ATMEL-AT28HC256N_14 Datasheet
243Kb / 13P
   Automatic Page Write Operation
AT45DB321 ATMEL-AT45DB321_14 Datasheet
320Kb / 21P
   Page Program Operation
AT45D011 ATMEL-AT45D011_14 Datasheet
277Kb / 21P
   Page Program Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com