Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C16 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28C16
Description  Self-Timed Byte Write Cycle
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28C16_14 Datasheet HTML 4Page - ATMEL Corporation AT28C16_14 Datasheet HTML 5Page - ATMEL Corporation AT28C16_14 Datasheet HTML 6Page - ATMEL Corporation AT28C16_14 Datasheet HTML 7Page - ATMEL Corporation AT28C16_14 Datasheet HTML 8Page - ATMEL Corporation AT28C16_14 Datasheet HTML 9Page - ATMEL Corporation AT28C16_14 Datasheet HTML 10Page - ATMEL Corporation AT28C16_14 Datasheet HTML 11Page - ATMEL Corporation AT28C16_14 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT28C16
9
Notes:
1. See Valid Part Numbers table below.
2. The 28C16 200 ns and 250 ns speed selections have been removed from valid selections table and are replaced by the
faster 150 ns T
AA offering.
3. The 28C16 ceramic package offerings have been removed. New designs should utilize the 28C256 ceramic offerings.
Ordering Information(1)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
30
0.1
AT28C16(E)-15JC
AT28C16(E)-15PC
AT28C16(E)-15SC
32J
24P6
24S
Commercial
(0
°C to 70°C)
45
0.1
AT28C16(E)-15JI
AT28C16(E)-15PI
AT28C16(E)-15SI
32J
24P6
24S
Industrial
(-40
°C to 85°C)
Valid Part Numbers
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C16
15
JC, JI, PC, PI, SC, SI
AT28C16E
15
JC, JI, PC, PI, SC, SI
AT28C16
-W
Die Products
Reference Section: Parallel EEPROM Die Products
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
24P6
24 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
24S
24 Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
W
Die
Options
Blank
Standard Device:
Endurance = 10K Write Cycles; Write Time = 1 ms
E
High Endurance Option: Endurance = 100K Write Cycles; Write Time = 200
µs


Similar Part No. - AT28C16_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16-15 ATMEL-AT28C16-15 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
247Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16-15JC ATMEL-AT28C16-15JC Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
AT28C16-15JI ATMEL-AT28C16-15JI Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
More results

Similar Description - AT28C16_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
   Byte Write support
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Integrated Silicon Solu...
IS61C256 ISSI-IS61C256 Datasheet
319Kb / 6P
   WRITE CYCLE SWITCHING CHARACTERISTICS
logo
Motorola, Inc
MCM67B618B MOTOROLA-MCM67B618B Datasheet
120Kb / 11P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM With Burst Counter and Self-Timed Write
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com