Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C3V0 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BZX84C3V0
Description  SOT-24 Plastic-Encapsulate Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C3V0 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BZX84C3V0 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V0 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V0 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V0 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C3V0 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAKO Semiconductor CO., LTD
SOT-23 Plastic-Encapsulate D
BZX84C2V4-BZX84C43 ZENER DIODE
FEATURES
Planar Die Construction
3
00mW Power Dissipation
Zener Voltages from 2.4V -
43V
Ultra-Small Surface Mount Package Power
Dissipation
Maximum Ratings(Ta=25℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation(Note 1)
Pd
3
00
mW
Thermal Resistance
from Junction to Ambient
RθJA
417
/
℃ W
Junction Temperature
Tj
150
SOT-23
Storage Temperature Range
Tstg
-
55~+150
MAKOSemiconductor
1
D$uJ


Similar Part No. - BZX84C3V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C3V0 DIODES-BZX84C3V0 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C3V0 VISHAY-BZX84C3V0 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
First Silicon Co., Ltd
BZX84C3V0 FS-BZX84C3V0 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
logo
Central Semiconductor C...
BZX84C3V0 CENTRAL-BZX84C3V0 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Galaxy Semi-Conductor H...
BZX84C3V0 BILIN-BZX84C3V0 Datasheet
228Kb / 5P
   350mW Surface Mount Zener Diode
More results

Similar Description - BZX84C3V0

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1SS226 TGS-1SS226 Datasheet
443Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAS21X WILLAS-BAS21X Datasheet
412Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
   SOT-363 Plastic-Encapsulate Diodes
BAV70T WILLAS-BAV70T Datasheet
374Kb / 3P
   SOT-523 Plastic-Encapsulate Diodes
DAP222M WILLAS-DAP222M Datasheet
322Kb / 2P
   SOT-723 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
BAS16LT1 KISEMICONDUCTOR-BAS16LT1 Datasheet
2Mb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C4V3 MAKOSEMI-BZX84C4V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-200MA-SOT-23 DGNJDZ-BAS40-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1SS344 HDSEMI-1SS344 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAS70 HDSEMI-BAS70 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com