Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C22 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BZX84C22
Description  SOT-23 Plastic-Encapsulate Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BZX84C22 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BZX84C22 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C22 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C22 Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C22 Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED BZX84C22 Datasheet HTML 5Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAKO Semiconductor CO., LTD
SOT-23 Plastic-Encapsulate D
BZX84C2V4-BZX84C43 ZENER DIODE
FEATURES
Planar Die Construction
3
00mW Power Dissipation
Zener Voltages from 2.4V -
43V
Ultra-Small Surface Mount Package Power
Dissipation
Maximum Ratings(Ta=25℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation(Note 1)
Pd
3
00
mW
Thermal Resistance
from Junction to Ambient
RθJA
417
/
℃ W
Junction Temperature
Tj
150
SOT-23
Storage Temperature Range
Tstg
-
55~+150
MAKOSemiconductor
1
D$uJ


Similar Part No. - BZX84C22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C22 TSC-BZX84C22 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Vishay Siliconix
BZX84C22 VISHAY-BZX84C22 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C22 SECOS-BZX84C22 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Diodes Incorporated
BZX84C22 DIODES-BZX84C22 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C22 CENTRAL-BZX84C22 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C22

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com