Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA256A3BU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATXMEGA256A3BU
Description  8/16-bit Atmel XMEGA A3BUMicrocontroller
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3BU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATXMEGA256A3BU_14 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA256A3BU_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 143 page
background image
7
XMEGA A3BU [DATASHEET]
Atmel-8362 G-AVR-ATxmega-07/2014
6.
AVR CPU
6.1
Features
8/16-bit, high-performance Atmel AVR RISC CPU
142 instructions
Hardware multiplier
32x8-bit registers directly connected to the ALU
Stack in RAM
Stack pointer accessible in I/O memory space
Direct addressing of up to 16MB of program memory and 16MB of data memory
True 16/24-bit access to 16/24-bit I/O registers
Efficient support for 8-, 16-, and 32-bit arithmetic
Configuration change protection of system-critical features
6.2
Overview
All Atmel AVR XMEGA devices use the 8/16-bit AVR CPU. The main function of the CPU is to execute the code and
perform all calculations. The CPU is able to access memories, perform calculations, control peripherals, and execute the
program in the flash memory. Interrupt handling is described in a separate section, refer to “Interrupts and Programmable
Multilevel Interrupt Controller” on page 28.
6.3
Architectural Overview
In order to maximize performance and parallelism, the AVR CPU uses a Harvard architecture with separate memories
and buses for program and data. Instructions in the program memory are executed with single-level pipelining. While one
instruction is being executed, the next instruction is pre-fetched from the program memory. This enables instructions to
be executed on every clock cycle. For details of all AVR instructions, refer to http://www.atmel.com/avr.
Figure 6-1. Block diagram of the AVR CPU architecture.
Register File
Flash Program
Memory
Program
Counter
Instruction
Register
Instruction
Decode
Data Memory
ALU
Status
Register
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
R26 (XL)
R27 (XH)
R28 (YL)
R29 (YH)
R30 (ZL)
R31 (ZH)
Stack
Pointer


Similar Part No. - ATXMEGA256A3BU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3BU-AU ATMEL-ATXMEGA256A3BU-AU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU-AUR ATMEL-ATXMEGA256A3BU-AUR Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU-MH ATMEL-ATXMEGA256A3BU-MH Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU-MHR ATMEL-ATXMEGA256A3BU-MHR Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
More results

Similar Description - ATXMEGA256A3BU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA128A4U-AU ATMEL-ATXMEGA128A4U-AU Datasheet
4Mb / 121P
   8/16-bit Atmel XMEGA A4U Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com